| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DTC123YG-AN3-R Datasheet(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
DTC123YG-AN3-R Datasheet(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD DTC123Y NPN SILICON TRANSISTOR www.unisonic.com.tw 1 of 3 Copyright © 2014 Unisonic Technologies Co., Ltd QW-R206-069.E NPN DIGITAL TRANSISTOR (BUILT- IN BIAS RESISTORS) FEATURES * Built-in bias resistors that implies easy ON/OFF applications. * The bias resistors are thin-film resistors with complete isolation to allow negative input. EQUIVALENT CIRCUIT SOT-23 (JEDEC TO-236) 1 2 3 SOT-523 1 2 3 SOT-323 1 2 3 ORDERING INFORMATION Ordering Number Package Pin Assignment Packing 1 2 3 DTC123YG-AE3-R SOT-23 G I O Tape Reel DTC123YG-AL3-R SOT-323 G I O Tape Reel DTC123YG-AN3-R SOT-523 G I O Tape Reel Note: Pin Assignment: G: GND I: IN O: OUT MARKING |
Número de pieza similar - DTC123YG-AN3-R |
|
Descripción similar - DTC123YG-AN3-R |