| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DTC114YG-AN3-R Datasheet(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
DTC114YG-AN3-R Datasheet(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD DTC114Y NPN SILICON TRANSISTOR www.unisonic.com.tw 1 of 3 Copyright © 2014 Unisonic Technologies Co., Ltd QW-R223-003.F NPN DIGITAL TRANSISTOR (BUILT- IN BIAS RESISTORS) FEATURES * Built-in bias resistors that implies easy ON/OFF applications. * The bias resistors are thin-film resistors with complete isolation to allow negative input. EQUIVALENT CIRCUIT ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 - DTC114YG-AE3-R SOT-23 G I O Tape Reel - DTC114YG-AL3-R SOT-323 G I O Tape Reel - DTC114YG-AN3-R SOT-523 G I O Tape Reel DTC114YL-T92-K DTC114YG-T92-K TO-92 G O I Bulk DTC114YL-T92-B DTC114YG-T92-B TO-92 G O I Tape Box DTC114YL-T9S-K DTC114YG-T9S-K TO-92SP G O I Bulk DTC114YL-T9S-B DTC114YG-T9S-B TO-92SP G O I Tape Box Note: Pin Assignment: G: GND I: IN O: OUT MARKING SOT-23 / SOT-323 / SOT-523 TO-92 TO-92SP CB4Y |
Número de pieza similar - DTC114YG-AN3-R |
|
Descripción similar - DTC114YG-AN3-R |