| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DTC114TG-AN3-R Datasheet(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
DTC114TG-AN3-R Datasheet(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD DTC114T NPN SILICON TRANSISTOR www.unisonic.com.tw 1 of 3 Copyright © 2014 Unisonic Technologies Co., Ltd QW-R206-054.E NPN DIGITAL TRANSISTOR (BUILT- IN BIAS RESISTORS) FEATURES * Built-in bias resistors that implies easy ON/OFF applications. * The bias resistors are thin-film resistors with complete isolation to allow negative input. EQUIVALENT CIRCUIT ORDERING INFORMATION Ordering Number Package Pin Assignment Packing 1 2 3 DTC114TG-AE3-R SOT-23 E B C Tape Reel DTC114TG-AL3-R SOT-323 E B C Tape Reel DTC114TG-AN3-R SOT-523 E B C Tape Reel Note: Pin Assignment: E: Emitter B: Base C: Collector MARKING |
Número de pieza similar - DTC114TG-AN3-R |
|
Descripción similar - DTC114TG-AN3-R |