| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DTB143EG-AE3-R Datasheet(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
DTB143EG-AE3-R Datasheet(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD DTB143E PNP DIGITAL TRANSISTOR www.unisonic.com.tw 1 of 3 Copyright © 2014 Unisonic Technologies Co., Ltd QW-R206-049. G PNP DIGITAL TRANSISTOR BUILT-IN RESISTORS FEATURES * Built-in bias resistors that implies easy ON/OFF applications. * The bias resistors are thin-film resistors with complete isolation to allow positive input. EQUIVALENT CIRCUIT ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 - DTB143EG-AE3-R SOT-23 G I O Tape Reel - DTB143EG-AL3-R SOT-323 G I O Tape Reel - DTB143EG-AQ3-R SOT-723 G I O Tape Reel DTB143EL-T92-B DTB143EG-T92-B TO-92 G O I Tape Box DTB143EL-T92-K DTB143EG-T92-K TO-92 G O I Bulk Note: Pin Assignment: G: GND I: IN O: OUT MARKING SOT-23 / SOT-323 / SOT-723 TO-92 BE3E |
Número de pieza similar - DTB143EG-AE3-R |
|
Descripción similar - DTB143EG-AE3-R |