| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DTB113ZG-AE3-R Datasheet(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
DTB113ZG-AE3-R Datasheet(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD DTB113Z PNP SILICON TRANSISTOR www.unisonic.com.tw 1 of 3 Copyright © 2014 Unisonic Technologies Co., LTD QW-R206-092.D DIGITAL TRANSISTOR (BUILT-IN RESISTORS) FEATURES * Built-in Bias Resistors that Implies Easy ON/OFF Applications. * The Bias Resistors Are Thin-Film Resistors with Complete Isolation to Allow Positive Input. EQUIVALENT CIRCUIT SOT-23 (JEDEC TO-236) 1 2 3 ORDERING INFORMATION Order Number Package Pin Assignment Packing 1 2 3 DTB113ZG-AE3-R SOT-23 G I O Tape Reel Note: Pin Assignment: G: GND I: IN O: OUT (1) R: Tape Reel (2) AE3: SOT-23 (3) G: Halogen Free and Lead Free DTB113ZG-AE3-R (1)Packing Type (2)Package Type (3)Green Package MARKING |
Número de pieza similar - DTB113ZG-AE3-R |
|
Descripción similar - DTB113ZG-AE3-R |