Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

U74HCT7046L-S16-R Datasheet(PDF) 7 Page - Unisonic Technologies

No. de pieza U74HCT7046L-S16-R
Descripción Electrónicos  PHASE LOCKED LOOP WITH VCO & LOCK DETECTOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UTC [Unisonic Technologies]
Página de inicio  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HCT7046L-S16-R Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button U74HCT7046L-S16-R Datasheet HTML 3Page - Unisonic Technologies U74HCT7046L-S16-R Datasheet HTML 4Page - Unisonic Technologies U74HCT7046L-S16-R Datasheet HTML 5Page - Unisonic Technologies U74HCT7046L-S16-R Datasheet HTML 6Page - Unisonic Technologies U74HCT7046L-S16-R Datasheet HTML 7Page - Unisonic Technologies U74HCT7046L-S16-R Datasheet HTML 8Page - Unisonic Technologies U74HCT7046L-S16-R Datasheet HTML 9Page - Unisonic Technologies U74HCT7046L-S16-R Datasheet HTML 10Page - Unisonic Technologies U74HCT7046L-S16-R Datasheet HTML 11Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
U74HCT7046
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 16
www.unisonic.com.tw
QW-R502-851.A
DC CHARACTERISTICS (Cont.)
VCO Section
(Voltages are Referenced to GND, Ground=0V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
HIGH Level Input Voltage INH
VIH
VCC=4.5V~5.5V
2
1.6
V
LOW Level Input Voltage INH
VIL
VCC=4.5V~5.5V
1.2 0.8
V
HIGH Level Output Voltage VCOOUT
VOH
VI=VIH or VIL
VCC=4.5V, -IOUT = 20μA
4.4
4.5
V
HIGH Level Output Voltage VCOOUT
VOH
VCC=4.5V, -IOUT = 4.0 Ma
VI=VIH or VIL
3.9
4.3
V
LOW Level Output Voltage VCOOUT
VOL
VI=VIH or VIL
VCC=4.5V, IOUT = 20μA
0
0.1
V
LOW Level Output Voltage VCOOUT
VOL
VI=VIH or VIL
VCC=4.5V, IOUT = 4.0 mA
0.1
5
0.26
V
LOW Level Output Voltage C1A, C1B
VOL
VI=VIH or VIL
VCC=4.5V, IOUT = 4.0 mA
0.4
V
Input Leakage Current(INH, VCOIN)
±IIN
VCC=5.5V, VI=GND to VCC
±0.1
μA
Resistance Range
R1 / R2
VCC=4.5V (Note1)
3.0
300
kΩ
Capacitor Range
C1
VCC=4.5V (no limit Max.)
40
pF
Operating Voltage Range at VCOIN
VVCOIN
VCC=4.5V, Over the range
specified for R1; for linearity
(Fig10)
1.1
3.4
V
Note: 1. The parallel value of R1 and R2 should be more than 2.7 kΩ. Optimum performance is achieved when
R1 and/ or R2 are/is>10 kΩ.
Demodulator Section
(Voltages are Referenced to GND (Ground=0V))
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Resistor Range
RS
VCC=4.5V, At RS>300kΩ
the leakage current can influence
VDEMOUT
50
300 kΩ
Offset Voltage VCOIN to VDEMOUT
VOFF
VCC=4.5V, VI = VVCOIN =1/2 VCC,
values taken over RS range
±20
mV
Dynamic Output Resistance at DEMOUT
RD
VCC=4.5V, VDEMOUT = 1/2 VCC
25
Ω
AC CHARACTERISTICS (TA =25°C , unless otherwise specified)
Phase Comparator Section
(GND=0V, tR=tF=6ns, CL=50pF)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Propagation Delay SIGIN,
COMPIN to PC1OUT
tPHL/ tPLH
VCC=4.5V (Fig.8)
21
40
ns
Output Transition time
tTHL/ tTLH
VCC=4.5V (Fig.8)
7
15
ns
3-State Output Enable Time
SIGIN, COMPIN to PC2OUT
tPZH/ tPZL
VCC=4.5V (Fig.9)
27
56
ns
3-State Output Disable Time
SIGIN, COMPIN to PC2OUT
tPHZ/ tPLZ
VCC=4.5V (Fig.9)
35
65
ns
AC Coupled Input Sensitivity
(Peak-To-Peak Value) at SIGIN or COMPIN
VIN(P-P)
VCC=4.5V (fi = 1MHz)
15
mV
VCO Section
(GND=0V, tR=tF=6ns, CL=50pF)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Frequency Stability with
Temperature Change
Δf/T
VCC=4.5V, VIN=VVCOIN=1/2 VCC,
R1=100 KΩ; R2=∞; C1=100pF
0.15
%/K
VCO Centre Frequency
(duty Factor = 50%)
fo
VCC=4.5V, VVCOIN = 1/2 VCC,
R1=3KΩ, R2 =∞, C1=40pF
11
17
MHz
VCO Frequency Linearity
ΔfVCO
VCC=4.5V, R1=100kΩ,
R2=∞,C1=100pF (Fig.10)
0.4
%
Duty factor at VCOOUT
δVCO
VCC=4.5V
50
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com