Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMLJ40 Datasheet(PDF) 3 Page - Micro Commercial Components

No. de pieza SMLJ40
Descripción Electrónicos  Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MCC [Micro Commercial Components]
Página de inicio  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMLJ40 Datasheet(HTML) 3 Page - Micro Commercial Components

  SMLJ40 Datasheet HTML 1Page - Micro Commercial Components SMLJ40 Datasheet HTML 2Page - Micro Commercial Components SMLJ40 Datasheet HTML 3Page - Micro Commercial Components SMLJ40 Datasheet HTML 4Page - Micro Commercial Components SMLJ40 Datasheet HTML 5Page - Micro Commercial Components SMLJ40 Datasheet HTML 6Page - Micro Commercial Components SMLJ40 Datasheet HTML 7Page - Micro Commercial Components SMLJ40 Datasheet HTML 8Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SMLJ5.0 THRU SMLJ170CA
Electrical Characteristics @ 25oC Unless Otherwise Specified
REVERSE
STAND-OFF
VOLTAGE
VWM
BREAKDOWN VOLTAGE
V(BR) @IT
(VOLTS)
MAXIMUM
CLAMPING
VOLTAGE@IPP
PEAK PULSE
CURRENT
IPP
MAXIMUM
REVERSE
LEAKAGE
@VWM
ID
MCC PART
NUMBER
VOLTS
MIN
MAX
IT(mA)
VOLTS
(AMPS)
(uA)
MARKING
CODE
SMLJ5.0
5.0
6.40
7.30
10
9.6
312.5
1000
HDD
SMLJ5.0A
5.0
6.40
7.00
10
9.2
326.0
1000
HDE
SMLJ6.0
6.0
6.67
8.15
10
11.4
263.2
1000
HDF
SMLJ6.0A
6.0
6.67
7.37
10
10.3
291.3
1000
HDG
SMLJ6.5
6.5
7.22
8.82
10
12.3
243.9
500
HDH
SMLJ6.5A
6.5
7.22
7.98
10
11.2
267.9
500
HDK
SMLJ7.0
7.0
7.78
9.51
10
13.3
225.6
200
HDL
SMLJ7.0A
7.0
7.78
8.60
10
12.0
250.0
200
HDM
SMLJ7.5
7.5
8.33
10.2
1
14.3
209.8
100
HDN
SMLJ7.5A
7.5
8.33
9.21
1
12.9
232.6
100
HDP
SMLJ8.0
8.0
8.89
10.9
1
15.0
200.0
50
HDQ
SMLJ8.0A
8.0
8.89
9.83
1
13.6
220.6
50
HDR
SMLJ8.5
8.5
9.44
11.5
1
15.9
118.8
25
HDS
SMLJ8.5A
8.5
9.44
10.4
1
14.4
208.4
25
HDT
SMLJ9.0
9.0
10.0
12.2
1
16.9
177.4
10
HDU
SMLJ9.0A
9.0
10.0
11.1
1
15.4
194.8
10
HDV
SMLJ10
10
11.1
13.6
1
18.8
159.6
5
HDW
SMLJ10A
10
11.1
12.3
1
17.0
176.4
5
HDX
SMLJ11
11
12.2
14.9
1
20.1
149.2
5
HDY
SMLJ11A
11
12.2
13.5
1
18.2
164.8
5
HDZ
SMLJ12
12
13.3
16.3
1
22.0
136.4
5
HED
SMLJ12A
12
13.3
14.7
1
19.9
150.6
5
HEE
SMLJ13
13
14.4
17.6
1
23.8
126.0
5
HEF
SMLJ13A
13
14.4
15.5
1
21.5
139.4
5
HEG
SMLJ14
14
15.6
19.1
1
25.8
116.2
5
HEH
SMLJ14A
14
15.6
17.2
1
23.2
129.4
5
HEK
SMLJ15
15
16.7
20.4
1
26.9
111.6
5
HEL
SMLJ15A
15
16.7
18.5
1
24.4
123.0
5
HEM
SMLJ16
16
17.8
21.8
1
28.8
104.2
5
HEN
SMLJ16A
16
17.8
19.7
1
26.0
115.4
5
HEP
SMLJ17
17
18.9
23.1
1
30.5
98.4
5
HEQ
SMLJ17A
17
18.9
20.9
1
27.6
106.6
5
HER
SMLJ18
18
20.0
24.4
1
32.2
93.2
5
HES
SMLJ18A
18
20.0
22.1
1
29.2
102.8
5
HET
SMLJ20
20
22.2
27.1
1
35.8
83.8
5
HEU
SMLJ20A
20
22.2
24.5
1
32.4
92.6
5
HEV
SMLJ22
22
24.4
29.8
1
39.4
76.2
5
HEW
SMLJ22A
22
24.4
26.9
1
35.5
84.4
5
HEX
SMLJ24
24
26.7
32.6
1
43.0
69.8
5
HEY
SMLJ24A
24
26.7
29.5
1
38.9
77.2
5
HEZ
SMLJ26
26
28.9
35.3
1
46.6
64.4
5
HFD
SMLJ26A
26
28.9
31.9
1
42.1
71.2
5
HFE
www.mccsemi.com
MCC



Html Pages

1 2 3 4 5 6 7 8