Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM4376 Datasheet(PDF) 78 Page - Texas Instruments

Click here to check the latest version.
No. de pieza AM4376
Descripción Electrónicos  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 78 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 74Page - Texas Instruments AM4376 Datasheet HTML 75Page - Texas Instruments AM4376 Datasheet HTML 76Page - Texas Instruments AM4376 Datasheet HTML 77Page - Texas Instruments AM4376 Datasheet HTML 78Page - Texas Instruments AM4376 Datasheet HTML 79Page - Texas Instruments AM4376 Datasheet HTML 80Page - Texas Instruments AM4376 Datasheet HTML 81Page - Texas Instruments AM4376 Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 261 page
background image
AM4376, AM4377, AM4378, AM4379
SPRS851B – JUNE 2014 – REVISED APRIL 2015
www.ti.com
Table 4-32. GPIO2 Signal Descriptions (continued)
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
ZDN BALL [4]
gpio2_22
GPIO
IO
B23
gpio2_23
GPIO
IO
A23
gpio2_24
GPIO
IO
A22
gpio2_25
GPIO
IO
A24
gpio2_26
GPIO
IO
B1
gpio2_27
GPIO
IO
B2
gpio2_28
GPIO
IO
C2
gpio2_29
GPIO
IO
C1
gpio2_30
GPIO
IO
D1
gpio2_31
GPIO
IO
D2
Table 4-33. GPIO3 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
ZDN BALL [4]
gpio3_0
GPIO
IO
D16
gpio3_1
GPIO
IO
B14
gpio3_2
GPIO
IO
B13
gpio3_3
GPIO
IO
A13
gpio3_4
GPIO
IO
A15
gpio3_5
GPIO
IO
AB24
gpio3_6
GPIO
IO
Y22
gpio3_7
GPIO
IO
N23
gpio3_8
GPIO
IO
T24
gpio3_9
GPIO
IO
D14
gpio3_10
GPIO
IO
D13
gpio3_11
GPIO
IO
C16
gpio3_12
GPIO
IO
C13
gpio3_13
GPIO
IO
F25
gpio3_14
GPIO
IO
N24
gpio3_15
GPIO
IO
N22
gpio3_16
GPIO
IO
H23
gpio3_17
GPIO
IO
M24
gpio3_18
GPIO
IO
L23
gpio3_19
GPIO
IO
K23
gpio3_20
GPIO
IO
M25
gpio3_21
GPIO
IO
L24
gpio3_22
GPIO
IO
P22
gpio3_23
GPIO
IO
P20
gpio3_24
GPIO
IO
N20
gpio3_25
GPIO
IO
T23
Table 4-34. GPIO4 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
ZDN BALL [4]
gpio4_0
GPIO
IO
AE17
gpio4_1
GPIO
IO
AD18
gpio4_2
GPIO
IO
AC18
gpio4_3
GPIO
IO
AD17
gpio4_4
GPIO
IO
AC20
78
Terminal Configuration and Functions
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379