Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UTC571NL-S16W-R Datasheet(PDF) 3 Page - Unisonic Technologies

No. de pieza UTC571NL-S16W-R
Descripción Electrónicos  COMPANDOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UTC [Unisonic Technologies]
Página de inicio  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTC571NL-S16W-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UTC571NL-S16W-R Datasheet HTML 1Page - Unisonic Technologies UTC571NL-S16W-R Datasheet HTML 2Page - Unisonic Technologies UTC571NL-S16W-R Datasheet HTML 3Page - Unisonic Technologies UTC571NL-S16W-R Datasheet HTML 4Page - Unisonic Technologies UTC571NL-S16W-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UTC571N
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R121-021.D
ABSOLUTE MAXIMUM RATINGS(TA=25 °C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNITS
Operating Voltage
VCC
18
V
Power Dissipation
SOP-16
PD
400
mW
SOP-16(W)
625
Junction Temperature
TJ
+150
°С
Operating Temperature
TOPR
-20 ~ +85
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
SOP-16
θJA
130
°С/W
SOP-16(W)
105
AC ELECTRICAL CHARACTERISTICS(TA=25 °C, VCC=+5V, unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Supply Voltage
VCC
6
18
V
Supply Current
ICC
No signal
3.2
4.8
mA
Output Current capability
IOUT
20
Output Slew Rate
SR
0.5
V/μs
Gsin Cell Distortion
Untrimmed
0.5
2.0
%
Trimmed
0.1
Resister Tolerance
5
15
%
Internal Reference Voltage
1.7
1.85
2.0
V
Output DC Shift (Note 3)
Untrimmed
30
150
mV
Expandor Output Noise
No signal, 15Hz-20kHz (Note 1)
20
60
V
Unity Gain Level (Note 5)
1kHz
-1.5
0
+1.5
dBm
Gain Change (Note 2,4)
0.1
dB
Reference Drift (Note 4)
+2,-25 +20,-50
mV
Resistor Drift (Note 4)
+8,-0
%
Tracking Error(measured relative
to value at unity gain) Equals
[VOUT-VOUT (unity gain)]dB-V2dBm
Rectifier input,
V2=+6dBm,V1=0dB
+0.2
-1,+1.5
dB
V2=-30dBm, V1=0dB
+0.2
Channel Separation
60
dB
Note: 1. Input to V1 and V2 grounded.
2. Measured at 0dBm, 1kHz.
3. Expandor AC input change from no signal to 0dBm.
4. Relative to value at TA = 25°C.
5. 0dBm = 775mV RMS.
6. Electrical characteristics for the UTC571N only are specified over -20 to +85°C temperature range.



Html Pages

1 2 3 4 5