Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PLCCE0045112 Datasheet(PDF) 1 Page - LinkCom Manufacturing Co., Ltd.

No. de pieza PLCCE0045112
Descripción Electrónicos  AC Input 90-305Vac
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINKCOM [LinkCom Manufacturing Co., Ltd.]
Página de inicio  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

PLCCE0045112 Datasheet(HTML) 1 Page - LinkCom Manufacturing Co., Ltd.

  PLCCE0045112 Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd. PLCCE0045112 Datasheet HTML 2Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LinkCom Manufacturing Co., Ltd
*,# =SEE NOTES BELOW
MODEL
SPECIFICATION
*
*
*
*
*
(6)Line regulation measured from 100VAC to 277VAC.
(7)Preset accuracy measured at normal load, 120VAC input.
(8)100% Production Tested.
Reference
◆ Dimension(L*W*H): 6.42 * 1.85 * 1.24 inch
10 to +90%
3000ms at full load 115VAC/230VAC
87%
90-305VAC, 127-431VDC, Normal:100-277VAC
norm.
max.
42
10
Model NO.
Part NO.
Power Supply
163 * 47 * 31.6 mm 【6.42 * 1.85 * 1.24 inch】
LCCE-045 112
PLCCE0045 112
Model Name
SIZE
DC OUTPUT POWER
INRUSH CURRENT (typ)
AC CURRENT
DC OUTPUT VOLTAGE (V)
LINE REGULATION (%) *(6)
OUTPUT CURRENT(A) *(5)
EFFICIENCY(typ @Full Load)
TURN ON DELAY TIME
INPUT VOLTAGE RANGE
PRESET ACCURACY (%) *(7)
FEATURES
OVER TEMP. PROTECTION
INPUT FREQUENCY
Range:47-63Hz, Normal:50-60Hz
0.7A/100VAC
SHORT CIRCUIT PROTECTION
The SCP, OTP and OVP will restart automaticalty after the fault condition is removed.
LEAKAGE CURRENT
0.75mA/264VAC
COLD START 43A @ 230VAC
DIMENSIONS(L*W*H)
O/P NOISE (P-P, V) *(3)
*(8)
Module : LCCE-045 112
◆ AC Input 90~305Vac
◆ Protection: SCP / OTP / OVP
◆ Dimension(L*W*H): 163 * 47 * 31.6 mm
STORAGE TEMPERATURE
OVER V, PROTECTION
EMI
TEMP. COEFFICIENT
OPERATING TEMP.*(4)
SAFETY
RELATIVE HUMIDITY
(5)Minimum load is NOT required for proper operation .
NOTES:(1)All parameters not specially mentioned are measured 230VAC input.
(2)All specifications Typical @25℃, unless otherwise noted, at normal line and load.
(3)Ripple and Noise measured directly at pins/terminals at nom. load, @20MHz bandwidth.
(4)Specified for free-air convection cooling.
◆ Comply with Indoor/Outdoor Waterproof (IP 67)
min.
163 * 47 * 31.6 mm 【6.42 * 1.85 * 1.24 inch】
5
1.1
CE EN55015 / FCC Part15
-40 to +80℃
46.2 W
◆ High Operating ambient Temp: -20℃ ~ +60℃
◆ Power Factor: >0.95@115VAC / >0.9@230VAC
4
LCCE-045 112
◆ ROHS Compliant
◆ Safety: UL
◆ EMC: CE / FCC
-20 to +60℃@full load
0.03% / ℃ (0-50℃, typ)
UL 60950-1
www.linkcom.com.tw For more information, please contact with: sales@linkcom.com.tw


Número de pieza similar - PLCCE0045112

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LinkCom Manufacturing C...
PLCCE0045132 LINKCOM-PLCCE0045132 Datasheet
203Kb / 2P
AC Input 90-305Vac
PLCCE0045152 LINKCOM-PLCCE0045152 Datasheet
180Kb / 2P
AC Input 90-305Vac
PLCCE0045192 LINKCOM-PLCCE0045192 Datasheet
180Kb / 2P
AC Input 90-305Vac
More results

Descripción similar - PLCCE0045112

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LinkCom Manufacturing C...
PLCCE0017501 LINKCOM-PLCCE0017501 Datasheet
105Kb / 2P
AC Input 90-305Vac
PLCCE0020112 LINKCOM-PLCCE0020112 Datasheet
111Kb / 2P
AC Input 90-305Vac
PLCCE0020122 LINKCOM-PLCCE0020122 Datasheet
114Kb / 2P
AC Input 90-305Vac
PLCCE0020172 LINKCOM-PLCCE0020172 Datasheet
114Kb / 2P
AC Input 90-305Vac
PLCCE0020851 LINKCOM-PLCCE0020851 Datasheet
113Kb / 2P
AC Input 90-305Vac
PLCCE0025122 LINKCOM-PLCCE0025122 Datasheet
113Kb / 2P
AC Input 90-305Vac
PLCCE0025152 LINKCOM-PLCCE0025152 Datasheet
114Kb / 2P
AC Input 90-305Vac
PLCCE0040342 LINKCOM-PLCCE0040342 Datasheet
180Kb / 2P
AC Input 90-305Vac
PLCCE0045951 LINKCOM-PLCCE0045951 Datasheet
180Kb / 2P
AC Input 90-305Vac
PLCVE0060125 LINKCOM-PLCVE0060125 Datasheet
214Kb / 2P
AC Input 90-305Vac
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com