Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CHA2097A Datasheet(PDF) 1 Page - United Monolithic Semiconductors

No. de pieza CHA2097A
Descripción Electrónicos  20-40GHz Variable Gain Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UMS [United Monolithic Semiconductors]
Página de inicio  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2097A Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHA2097A_15 Datasheet HTML 1Page - United Monolithic Semiconductors CHA2097A_15 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2097A_15 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2097A_15 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2097A_15 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2097A_15 Datasheet HTML 6Page - United Monolithic Semiconductors CHA2097A_15 Datasheet HTML 7Page - United Monolithic Semiconductors CHA2097A_15 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CHA2097a
RoHS COMPLIANT
Ref. : DSCHA20978021-21 Jan 08
1/8
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Départementale 128 - B.P.46 - 91401 Orsay Cedex France
Tel. : +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
20-40GHz Variable Gain Amplifier
GaAs Monolithic Microwave IC
Description
The CHA2097a is a variable gain broadband
three-stage monolithic amplifier. It is designed
for a wide range of applications, from military to
commercial
communication
systems. The
backside of the chip is both RF and DC grounds.
This helps simplify the assembly process.
The circuit is manufactured with a pHEMT
process, 0.25µm gate length, via holes through
the substrate, air bridges and electron beam
gate lithography.
It is available in chip form.
Main Features
■ Broadband performances: 20-40GHz
■ 14dBm output power ( 1dB gain comp. )
■ 18dB ±1.5dB gain
■ 10dB gain control range.
■ Low DC power consumption, 140mA @ 3.5V
■ Chip size:
2.04 X 0.97 X 0.10 mm
Vd1
Vd23
Vctrl
Vg1
Vg2
Vg3
In
Out
Main Characteristics
Tamb. = 25°C
Symbol
Parameter
Min
Typ
Max
Unit
Fop
Operating frequency range
20
40
GHz
G
Small signal gain
16
18
dB
Gctrl
Gain control range
10
dB
P1dB
Output power at 1dB gain compression
13
14
dBm
Id
Bias current
140
200
mA
ESD Protection : Electrostatic discharge sensitive device. Observe handling precautions !
Typical on wafer measurements
-25
-20
-15
-10
-5
0
5
10
15
20
25
0
10
20
30
40
50
60
frequency (GHz)
S22
S11


Número de pieza similar - CHA2097A_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
United Monolithic Semic...
CHA2097A99F/00 UMS-CHA2097A99F/00 Datasheet
120Kb / 8P
20-40GHz Variable Gain Amplifier
More results

Descripción similar - CHA2097A_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
United Monolithic Semic...
CHA2097A UMS-CHA2097A Datasheet
120Kb / 8P
20-40GHz Variable Gain Amplifier
CHA2098B UMS-CHA2098B Datasheet
106Kb / 8P
20-40GHz High Gain Buffer Amplifier
CHA2294 UMS-CHA2294 Datasheet
123Kb / 6P
35-40GHz Low Noise, Variable Gain Amplifier
CHA3694 UMS-CHA3694 Datasheet
569Kb / 12P
31-40GHz Variable Gain Amplifier
CHA3694-QDG UMS-CHA3694-QDG Datasheet
419Kb / 10P
31-40GHz Variable Gain Amplifier
CHA2294 UMS-CHA2294_07 Datasheet
181Kb / 6P
35-40GHz Low Noise, Variable Gain Amplifier
logo
Hittite Microwave Corpo...
HMC997LC4 HITTITE-HMC997LC4_12 Datasheet
581Kb / 8P
VARIABLE GAIN AMPLIFIER
logo
United Monolithic Semic...
CHA2098B UMS-CHA2098B_15 Datasheet
126Kb / 8P
20-40GHz High Gain Buffer Amplifier
CHA3694 UMS-CHA3694_15 Datasheet
327Kb / 12P
31-40GHz Variable Gain Amplifier
CHA3694-QDG UMS-CHA3694-QDG_15 Datasheet
513Kb / 16P
31-40GHz Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com