Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM8028 Datasheet(PDF) 1 Page - Solid State Optronic

No. de pieza SM8028
Descripción Electrónicos  Built in active discharge circuit for fast turn-off
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SSOUSA [Solid State Optronic]
Página de inicio  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

SM8028 Datasheet(HTML) 1 Page - Solid State Optronic

  SM8028 Datasheet HTML 1Page - Solid State Optronic SM8028 Datasheet HTML 2Page - Solid State Optronic SM8028 Datasheet HTML 3Page - Solid State Optronic SM8028 Datasheet HTML 4Page - Solid State Optronic SM8028 Datasheet HTML 5Page - Solid State Optronic SM8028 Datasheet HTML 6Page - Solid State Optronic SM8028 Datasheet HTML 7Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2013 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
SM8028 /H/S/TR
Rev 2.00 (11/12/2013)
001729
Page 1 of 7
SM8028
Optically Coupled
Dual MOSFET Driver
w/Discharge Circuit
Description
The SM8028 is composed of two distinct MOSFET drivers
in a single package. Each driver circuit consists of an input
drive LED optically coupled to a photodiode array output
designed to drive highly capacitive loads, including the gate
of a power MOSFET. The active discharge circuit of the
PDAs assures quick discharge of MOSFETs, providing fast
turn-off times. This device can be used as two separate
drivers, or can be wired as a single enhanced driver with
either greater photo current or photo voltage output.
The SM8028 comes standard in a compact 8 pin DIP
package making it ideal for high-density board applications.
Schematic Diagram
Agency Approvals
UL/C-UL:
File # E201932
VDE:
File # 40035191 (EN 60747-5-2)
Applications
Isolated means to drive discrete power MOSFETs
Lighting Controls
Process Control Modules
Solid State Relays
Solenoid Controls
Absolute Maximum Ratings
The values indicated are absolute stress ratings. Functional
operation of the device is not implied at these or any
conditions in excess of those defined in electrical
characteristics section of this document. Exposure to
absolute Maximum Ratings may cause permanent damage
to the device and may adversely affect reliability.
Storage Temperature …………………………..-55 to +125°C
Operating Temperature …..….….……...………-40 to +85°C
Continuous Input Current ………..……………………..50mA
Transient Input Current ………..……….……………..400mA
Reverse Input Control Voltage …………..…………………5V
Input Power Dissipation ………..………………………40mW
Output Power Dissipation ……..……………………..400mW
Solder Temperature – Wave (10sec)……………….….260°C
Solder Temperature – IR Reflow (10sec)….…………..260°C
Ordering Information
Part Number
Description
SM8028
8 pin DIP, (50/Tube)
SM8028-H
5kVRMS Viso, 8 pin DIP, (50/Tube)
SM8028-S
8 pin SMD, (50/Tube)
SM8028-HS
5kVRMS, 8 pin SMD, (50/Tube)
SM8028-STR
8 pin SMD, Tape and Reel (1000/Reel)
SM8028-HSTR
5kVRMS, 8 pin SMD, Tape and Reel (1000/Reel)
NOTE: Suffixes listed above are not included in marking on
device for part number identification
Features
Compact 8 pin DIP/SMD package
Built in active discharge circuit for fast turn-off
Fast Turn-On
Optional Parallel or Serial Output Connections
11V Gate Drive Voltage
High Input-to-Output Isolation (up to 5kVRMS)
Long Life / High Reliability
RoHS / Pb-Free / REACH Compliant
SM8028


Número de pieza similar - SM8028

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Solid State Inc
SM8028 SOLIDSTATE-SM8028 Datasheet
252Kb / 7P
Compact 8 pin DIP/SMD package
Rev 2.00
SM8028-H SOLIDSTATE-SM8028-H Datasheet
252Kb / 7P
Compact 8 pin DIP/SMD package
Rev 2.00
SM8028-HS SOLIDSTATE-SM8028-HS Datasheet
252Kb / 7P
Compact 8 pin DIP/SMD package
Rev 2.00
SM8028-HSTR SOLIDSTATE-SM8028-HSTR Datasheet
252Kb / 7P
Compact 8 pin DIP/SMD package
Rev 2.00
SM8028-S SOLIDSTATE-SM8028-S Datasheet
252Kb / 7P
Compact 8 pin DIP/SMD package
Rev 2.00
More results

Descripción similar - SM8028

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Solid State Optronic
SM4204 SSOUSA-SM4204 Datasheet
212Kb / 7P
Built in active discharge circuit for fast turn-off
SM4209 SSOUSA-SM4209 Datasheet
212Kb / 7P
Built in active discharge circuit for fast turn-off
SM6002 SSOUSA-SM6002 Datasheet
248Kb / 7P
Built in active discharge circuit for fast turn-off
SM6003 SSOUSA-SM6003 Datasheet
223Kb / 7P
Built in active discharge circuit for fast turn-off
SM6007 SSOUSA-SM6007 Datasheet
223Kb / 7P
Built in active discharge circuit for fast turn-off
SM6008 SSOUSA-SM6008 Datasheet
223Kb / 7P
Built in active discharge circuit for fast turn-off
SM6009 SSOUSA-SM6009 Datasheet
223Kb / 7P
Built in active discharge circuit for fast turn-off
SM8026 SSOUSA-SM8026 Datasheet
240Kb / 7P
Built in active discharge circuit for fast turn-off
SM8030 SSOUSA-SM8030 Datasheet
240Kb / 7P
Built in active discharge circuit for fast turn-off
SM6010 SSOUSA-SM6010 Datasheet
223Kb / 7P
Built in active discharge circuit for fast turn-off
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com