| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M35045 Datasheet(PDF) 9 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M35045 Datasheet(HTML) 9 Page - Mitsubishi Electric Semiconductor |
|
9 / 37 page ![]() 9 MITSUBISHI MICROCOMPUTERS M35045-XXXSP/FP SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS Sets the display mode of line 1. Sets the display mode of line 2. Sets the display mode of line 3. Sets the display mode of line 4. Sets the display mode of line 5. Sets the display mode of line 6. Sets the display mode of line 7. Sets the display mode of line 8. Sets the display mode of line 9. Sets the display mode of line 10. Sets the display mode of line 11. Sets the display mode of line 12. 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 (5) Address 12416 0 1 2 3 4 5 6 7 8 9 A B C D DSP0 DSP1 DSP2 DSP3 DSP4 DSP5 DSP6 DSP7 DSP8 DSP9 DSP10 DSP11 TEST4 TEST5 Blanking is in the display mode specified by BLK0 and BLK1. (Note) Blanking is in the display mode specified by except BLK0 and BLK1. Blanking is in the display mode specified by BLK0 and BLK1. (Note) Blanking is in the display mode specified by except BLK0 and BLK1. Blanking is in the display mode specified by BLK0 and BLK1. (Note) Blanking is in the display mode specified by except BLK0 and BLK1. Blanking is in the display mode specified by BLK0 and BLK1. (Note) Blanking is in the display mode specified by except BLK0 and BLK1. Blanking is in the display mode specified by BLK0 and BLK1. (Note) Blanking is in the display mode specified by except BLK0 and BLK1. Blanking is in the display mode specified by BLK0 and BLK1. (Note) Blanking is in the display mode specified by except BLK0 and BLK1. Blanking is in the display mode specified by BLK0 and BLK1. (Note) Blanking is in the display mode specified by except BLK0 and BLK1. Blanking is in the display mode specified by BLK0 and BLK1. (Note) Blanking is in the display mode specified by except BLK0 and BLK1. Blanking is in the display mode specified by BLK0 and BLK1. (Note) Blanking is in the display mode specified by except BLK0 and BLK1. Blanking is in the display mode specified by BLK0 and BLK1. (Note) Blanking is in the display mode specified by except BLK0 and BLK1. Blanking is in the display mode specified by BLK0 and BLK1. Blanking is in the display mode specified by except BLK0 and BLK1. Blanking is in the display mode specified by BLK0 and BLK1. Blanking is in the display mode specified by except BLK0 and BLK1. It should be fixed to “0”. Can not be used. It should be fixed to “0”. Can not be used. Register DA Status Contents Function Remarks Note: Refer to DISPLAY FORM1. |