Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MAX4272ESA Datasheet(PDF) 10 Page - Maxim Integrated Products

No. de pieza MAX4272ESA
Descripción Electrónicos  3V to 12V Current-Limiting Hot Swap Controllers with Autoretry, DualSpeed/BiLevel Fault Protection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MAXIM [Maxim Integrated Products]
Página de inicio  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4272ESA Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4272ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4272ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4272ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4272ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4272ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4272ESA Datasheet HTML 11Page - Maxim Integrated Products MAX4272ESA Datasheet HTML 12Page - Maxim Integrated Products MAX4272ESA Datasheet HTML 13Page - Maxim Integrated Products MAX4272ESA Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Detailed Description
The MAX4271/MAX4272/MAX4273 are circuit breaker
ICs designed for hot-swap applications where a line
card is inserted into a live backplane. Normally, when a
line card is plugged into a live backplane, the card’s
discharged filter capacitors provide a low impedance
that can momentarily cause the main power supply to
collapse. The MAX4271/MAX4272/MAX4273 are
designed to reside either in the backplane or in the
removable card to provide inrush current limiting and
short-circuit protection. This is achieved by using an
external N-channel MOSFET, an external current-sense
resistor, and two on-chip comparators. Figures 1 and 2
show the functional diagrams.
The timing and voltage levels for several critical parame-
ters can be adjusted with external resistors, external
capacitors, or by pin strapping. The timing components
are optional; without them, the part is set to its nominal
values, as shown in the Electrical Characteristics. The
parameters that can be adjusted are:
• Current-limit threshold
• Slow comparator response time
• Startup timer
• Fast comparator threshold
• Autoretry timeout period (time the part is shut down
after an overcurrent event)
• Fault management (latched/autoretry)
• Current overload threshold
Startup Mode
CTIM (MAX4271/MAX4272) or CTON (MAX4273) sets
the startup period (see Startup and Retry Timers). The
startup period begins after three conditions are met:
1) 150ms after VIN exceeds the UVLO threshold (see
Over/Undervoltage Lockouts)
AND
2) 10µs after VON >0.6V
AND
3) The device is no longer in retry mode.
During startup, the slow comparator is disabled and the
inrush current can be limited in two ways:
1) Slow ramping of the current to the load by control-
ling the external MOSFET gate voltage
OR
2) Limiting the current to the load by regulating the volt-
age across the external current-sense resistor
3V to 12V Current-Limiting Hot Swap Controllers
with Autoretry, DualSpeed/BiLevel Fault Protection
10
______________________________________________________________________________________
PIN
MAX4271
MAX4272
MAX4273
NAME
FUNCTION
6
11
CTIM
Startup and Retry Timers Input. Controls the startup time and the autoretry time (32x
startup time) in the MAX4272, only the autoretry time in the MAX4273, and only the
startup time in the MAX4271. Leave floating or connect the timing capacitor from CTIM
to GND. Connect to IN for latched mode (this prevents autoretry in MAX4273). See
Startup and Retry Timers section.
7
12
STAT
Status Output. High indicates startup completed with no fault (Table 1). STAT is an
open-drain output.
813
ON
ON Comparator Input. Connect high for normal operation; connect low to force the
MOSFET off. Comparator threshold VTH,ON = 0.6V allows for precise control over
shutdown feature. Pulse ON low for 20
µs min to unlatch after a fault (MAX4273 in
latched mode, or MAX4271). Negative pulses are ignored during autoretry (MAX4273
in autoretry mode, or MAX4272). See ON and Reset Comparators section.
—
14
REF
1.2V Reference Output. Do not bypass with a capacitor to GND.
—
15
INC
Uncommitted Comparator Input. Controls OUTC.
—
16
OUTC
Uncommitted Comparator Output. OUTC goes high 150ms after INC goes high. OUTC
goes low immediately after INC goes low. OUTC is an open-drain output.
Pin Description (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24