Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GBL4D Datasheet(PDF) 1 Page - Cystech Electonics Corp.

No. de pieza GBL4D
Descripción Electrónicos  Glass passivated Single Phase Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYSTEKEC [Cystech Electonics Corp.]
Página de inicio  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

GBL4D Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  GBL4D Datasheet HTML 1Page - Cystech Electonics Corp. GBL4D Datasheet HTML 2Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CYStech Electronics Corp.
Spec. No. : C760
Issued Date : 2014.12.04
Revised Date :
Page No. : 1/1
GBL4A-GBL4M
CYStek Product Specification
Glass passivated Single Phase Bridge Rectifiers
GBL4A thru GBL4M
Reverse Voltage 50 to 1000V
Forward Current 4 Amps
Features
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
• Ideal for printed circuit boards
• Glass passivated chip junction
• High surge current capability
Mechanical Data
• Case: GBL(2S) Molded plastic body
• Terminals: Matte tin plated leads,
solderable per MIL-STD-750, method 2026
• High temperature soldering guaranteed :
260°C/10 seconds, 0.375”(9.5mm) lead length, 5lbs(2.3kg) tension
• Mounting position: Any.
• Polarity : shown on front side of case, positive lead by beveled corner.
Equivalent circuit
• Weight: 2.1gram, 0.074 oz.
Maximum Ratings and Electrical Characteristics
(
Rating at 25
°C ambient temperature unless otherwise specified.)
Type
Parameter
Symbol
GBL4A GBL4B GBL4D GBL4G
GBL4J
GBL4K GBL4M
Units
Repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum instantaneous forward
voltage drop per leg, IF=1A
VF
1
V
TC=50°C
Maximum average forward
rectified output current at
TA=40°C
IF(AV)
4.0 (Note 1)
3.0 (Note 2)
A
Peak forward surge current @ 8.3ms
single half sine wave superimposed
on rated load (JEDEC method)
IFSM
150
A
Rating for fusing (t<8.3ms)
93
TA=25°C
Maximum DC reverse
current at rated DC
blocking voltage per leg
TA=125°C
IR
10
500
μA
Typical thermal resistance per leg
RθJA
RθJL
32
(Note 2)
3.5
(Note 1)
°C /W
Storage temperature range
Tstg
-55 ~ +150
°C
Operating junction temperature range
TJ
-55 ~ +150
°C
Notes : 1.Unit mounted on 3.0”×3.0”×0.11” thick (7.5 cm×7.5cm×0.3cm) Al plate
2.Unit mounted on PCB at 0.375”(9.5mm) lead length and 0.5”×0.5”(13mm×13mm) copper pads.


Número de pieza similar - GBL4D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GOOD-ARK Electronics
GBL4D GOOD-ARK-GBL4D Datasheet
239Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
logo
Cystech Electonics Corp...
GBL4DU CYSTEKEC-GBL4DU Datasheet
332Kb / 2P
Glass passivated Single Phase Bridge Rectifiers
More results

Descripción similar - GBL4D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Surge Components
2W005 SURGE-2W005 Datasheet
410Kb / 2P
Glass Passivated Single-Phase Bridge Rectifiers
GBU4005 SURGE-GBU4005 Datasheet
470Kb / 2P
Glass Passivated Single-Phase Bridge Rectifiers
logo
Shenzhen Yixinwei Techn...
DB101S YIXIN-DB101S Datasheet
116Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
New Jersey Semi-Conduct...
GBPC15005 NJSEMI-GBPC15005 Datasheet
156Kb / 2P
GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
GBPC35005 NJSEMI-GBPC35005 Datasheet
165Kb / 2P
GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
logo
SiPower Inc.
ABS2F SIPOWER-ABS2F Datasheet
549Kb / 3P
Single Phase Glass Passivated Bridge Rectifiers
logo
Microdiode Semiconducto...
AB34S CHENDA-AB34S_V01 Datasheet
464Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
DF05S CHENDA-DF05S_V01 Datasheet
592Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
KBP2005 CHENDA-KBP2005_V01 Datasheet
559Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
MB2M CHENDA-MB2M_V01 Datasheet
556Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com