| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MAX3050ASA Datasheet(PDF) 2 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX3050ASA Datasheet(HTML) 2 Page - Maxim Integrated Products |
|
2 / 12 page ![]() ±80V Fault-Protected, 2Mbps, Low Supply Current CAN Transceivers 2 _______________________________________________________________________________________ ABSOLUTE MAXIMUM RATINGS DC ELECTRICAL CHARACTERISTICS (VCC = +5V ±10%, RL = 60 Ω, RS = GND, TA = TMIN to TMAX. Typical values are at VCC = +5V and TA = +25°C.) Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. VCC to GND ............................................................ -0.3V to +6V TXD, RS, RXD, SHDN to GND ....................-0.3V to (VCC + 0.3V) CANH, CANL to GND..............................................-80V to +80V RXD Shorted to GND................................................. Continuous Continuous Power Dissipation (TA = +70°C) 8-Pin SO (derate 5.9mW/°C above +70°C) .................470mW Operating Temperature Range .........................-40°C to +125°C Junction Temperature ......................................................+150°C Storage Temperature Range .............................-65°C to +150°C Lead Temperature (soldering, 10s) ................................+300°C PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS Dominant (Note 1) 56 72 Dominant no load 6 Recessive (Note 1) 3.6 5.5 Supply Current IS Recessive no load 5.5 mA Quiescent Current Standby Mode IQ VRS = VCC 125 260 µA Shutdown Supply Current IQSHDN SHDN = GND 15 30 µA Thermal-Shutdown Threshold 160 °C Thermal-Shutdown Hysteresis 20 °C TXD INPUT LEVELS High-Level Input Voltage VIH 2V Low-Level Input Voltage VIL 0.4 V High-Level Input Current IIH VTXD = VCC 1µA Pullup Resistor RINTXD 20 k Ω CANH, CANL TRANSMITTER Recessive Bus Voltage VCANH, VCANL VTXD = VCC, no load 2 3 V -2V < VCANH, VCANL < +7V SHDN = GND, VTXD = VCC -2 +1 Off-State Output Leakage ILO -80V < VCANH, VCANL < +80V SHDN = GND, VTXD = VCC -4 +4 mA CANH Output Voltage VCANH VTXD = 0 3.0 VCC V CANL Output Voltage VCANL VTXD = 0 0 2.0 V VTXD = 0 1.5 5 VTXD = 0, RL = 45 Ω 1.5 V Differential Output (VCANH - VCANL) ∆VCANH, VCANL VTXD = VCC, no load -500 +50 mV CANH Short-Circuit Current ISC VCANH = -5V -200 mA CANL Short-Circuit Current ISC VCANL = 18V 200 mA |