Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HC_HCT1G66 Datasheet(PDF) 10 Page - NXP Semiconductors

No. de pieza 74HC_HCT1G66
Descripción Electrónicos  Single-pole single-throw analog switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC_HCT1G66 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74HC_HCT1G66_15 Datasheet HTML 6Page - NXP Semiconductors 74HC_HCT1G66_15 Datasheet HTML 7Page - NXP Semiconductors 74HC_HCT1G66_15 Datasheet HTML 8Page - NXP Semiconductors 74HC_HCT1G66_15 Datasheet HTML 9Page - NXP Semiconductors 74HC_HCT1G66_15 Datasheet HTML 10Page - NXP Semiconductors 74HC_HCT1G66_15 Datasheet HTML 11Page - NXP Semiconductors 74HC_HCT1G66_15 Datasheet HTML 12Page - NXP Semiconductors 74HC_HCT1G66_15 Datasheet HTML 13Page - NXP Semiconductors 74HC_HCT1G66_15 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
74HC_HCT1G66_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 19 December 2008
10 of 18
NXP Semiconductors
74HC1G66; 74HCT1G66
Single-pole single-throw analog switch
[1]
There is no constraint on tr, tf with a 50% duty factor when measuring fmax.
11.2 Additional dynamic characteristics
Test data is given in Table 11.
Definitions for test circuit:
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
CL = Load capacitance including jig and probe capacitance.
RL = Load resistance.
S1 = Test selection switch.
Fig 10. Test circuit for measuring switching times
VM
VM
tW
tW
10 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
tf
tr
tr
tf
001aad983
DUT
VCC
VCC
VI
VO
RT
RL
S1
CL
open
G
Table 11.
Test data
Type
Input
Load
S1 position
VI
tr, tf[1]
CL
RL
tPHL, tPLH
tPZH, tPHZ
tPZL, tPLZ
74HC1G66
GND to VCC
6 ns
50 pF, 15 pF
1 k
Ω, ∞Ω
open
GND
VCC
74HCT1G66
GND to 3 V
6 ns
50 pF, 15 pF
1 k
Ω, ∞Ω
open
GND
VCC
Table 12.
Additional dynamic characteristics for 74HC1G66 and 74HCT1G66
GND = 0 V; tr = tf = 6.0 ns; CL = 50 pF; unless otherwise specified. All typical values are measured at Tamb =25 °C.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
THD
total harmonic
distortion
fi = 1 kHz; RL = 10 kΩ; see Figure 11
%
VCC = 4.5 V; VI = 4.0 V (p-p)
-
0.04
-
%
VCC = 9.0 V; VI = 8.0 V (p-p)
-
0.02
-
%
fi = 10 kHz; RL = 10 kΩ; see Figure 11
VCC = 4.5 V; VI = 4.0 V (p-p)
-
0.12
-
%
VCC = 9.0 V; VI = 8.0 V (p-p)
-
0.06
-
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com