Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IR2136 Datasheet(PDF) 11 Page - International Rectifier

No. de pieza IR2136
Descripción Electrónicos  3-PHASE BRIDGE DRIVER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IR2136 Datasheet(HTML) 11 Page - International Rectifier

Back Button IR2136 Datasheet HTML 7Page - International Rectifier IR2136 Datasheet HTML 8Page - International Rectifier IR2136 Datasheet HTML 9Page - International Rectifier IR2136 Datasheet HTML 10Page - International Rectifier IR2136 Datasheet HTML 11Page - International Rectifier IR2136 Datasheet HTML 12Page - International Rectifier IR2136 Datasheet HTML 13Page - International Rectifier IR2136 Datasheet HTML 14Page - International Rectifier IR2136 Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
www.irf.com
11
IR213(6,62,63,65,66,67,68)(J&S) & PbF
EN
ITRIP
FAULT
HIN1,2,3
HIN1,2,3
LIN1,2,3
RCIN
HO1,2,3
LO1,2,3
Fig. 1. Input/Output Timing Diagram
90%
ten
EN
50%
LIN1,2,3
HIN1,2,3
50%
50%
50%
50%
PW
IN
LIN1,2,3
HIN1,2,3
tr
10%
HO1,2,3
LO1,2,3
90%
tf
ton
toff
90%
10%
HO1,2,3
LO1,2,3
PW
OUT
Fig. 2. Switching Time Waveforms
Fig. 3. Output Enable Timing Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com