Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MGA-43013 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza MGA-43013
Descripción Electrónicos  High Linearity 728 - 756 MHz Power Amplifier Module
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-43013 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  MGA-43013 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED MGA-43013 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED MGA-43013 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED MGA-43013 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED MGA-43013 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-43013 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-43013 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-43013 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-43013 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
Absolute Maximum Rating [1] TA= 25 °C
Symbol
Parameter
Units
Absolute Max.
Vdd, VddBias
Supply voltages, bias supply voltage
V
6
Vc
Control Voltage
V
(Vdd)
Pin,max
CW RF Input Power
dBm
20
Pdiss
Total Power Dissipation [3]
W
4.9
Tj
Junction Temperature
°C
150
TSTG
Storage Temperature
°C
-65 to 150
Thermal Resistance [2,3]
qjc = 15.7 °C/W
Notes:
1. Operation of this device in excess of any
of these limits may cause permanent
damage.
2. Thermal resistance measured using Infra-
Red Measurement Technique.
3. Board temperature (TB) is 25 °C , for TB
> 73
°C derate the device power at 63
mW per
°C rise in Board (package belly)
temperature.
Electrical Specifications
TA = 25 °C, Vdd = VddBias = 5.0 V, Vc2 = 3 V, Vc3 = 2.6 V, Idqtotal = 270 mA, RF performance at 751 MHz, LTE DL 10 MHz
50 RB ETM 1.1 downlink signal operation, unless otherwise stated
Symbol
Parameter and Test Condition
Frequency
(MHz)
Units
Min.
Typ.
Max.
Vdd
Supply Voltage
V
-
5.0
-
Idqtotal
Quiescent Supply Current
mA
-
270
-
Gain
Gain
dB
31
33.1
-
OP1dB
Output Power at 1 dB Gain Compression
dBm
-
34
-
ACLR1 @
Pout = 25 dBm
LTE DL 10MHz 50RB ETM1.1 downlink signal
733
dBc
-
-48.5
-
739
-48.5
751
-47.6
PAE
Power Added Efficiency
%
10
12.4
-
|S11|
Input Return Loss, 50
Ω source
dB
-
15
-
DetR
Detector RF dynamic range
dB
-
20
-
2fo
2fo Harmonics
(LTE DL 10MHz 50RB ETM1.1 downlink signal)
dBc
-
-39
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com