Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MGA-545P8 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza MGA-545P8
Descripción Electrónicos  50 MHz to 7 GHz Medium Power Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-545P8 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  MGA-545P8 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED MGA-545P8 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED MGA-545P8 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED MGA-545P8 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED MGA-545P8 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-545P8 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-545P8 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-545P8 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-545P8 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
MGA-545P8 Absolute Maximum Ratings[1]
Parameter
Units
Absolute Maximum
Vd
Device Voltage, RF output to ground
V
5.0
Pin
CW RF Input Power
dBm
20
jc
Thermal Resistance [2]
°C/W
124
Pdiss
Total Power Dissipation[3]
W
0.8
Tj
Junction Temperature
°C
150
TSTG
Storage Temperature
°C
–65 to 150
Notes:
1. Operation of this device in excess of any of these limits may cause permanent damage.
2. Thermal resistance measured using 150°C Liquid Crystal Measurement Technique.
3. Board (package belly) temperature Tb is 25°C. Derate 8 mW/°C for Tb > 51°C.
Figure 1. Production test circuit. This circuit represents a match for maximum gain and saturated power.
Figure 2. Close-up of production test board. Rogers 4350 Er = 3.48 ± 0.05, thickness = 10 mils.
1
2
4Tx
10 pF
0.01 µF
VDD
1000 pF
10 pF
50
Ω
OPEN-CIRCUITED STUB
(34 mil x 72 mil)
12 pF
50
Ω
3
4
8
4.7 nH
7
RF INPUT
6
5
RF OUTPUT
CONTACTOR
12 pF
10 pF
4.7 nH
0.01 µF
1000 pF
10 pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com