| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
KIA7906PI Datasheet(PDF) 7 Page - KEC(Korea Electronics) |
|
|
|||||||||||||||||||||||||||||
KIA7906PI Datasheet(HTML) 7 Page - KEC(Korea Electronics) |
|
7 / 16 page ![]() 2007. 9. 7 7/16 KIA7905F/PI~KIA7924F/PI Revision No : 3 ELECTRICAL CHARACTERISTICS KIA7909F/PI (Unless otherwise specified, VIN=-15V, IOUT=500mA, 0 Tj 125 , CIN=2.2 F, COUT=1 F) CHARACTERISTIC SYMBOL TEST CIRCUIT TEST CONDITION MIN. TYP. MAX. UNIT Output Voltage VOUT Fig.1 Tj=25 -9.3 -9.0 -8.7 V Input Regulation Reg line Fig.1 Tj=25 -19V VIN -13V - 5 90 mV -26V VIN -11.5V - 10 100 Load Regulation Reg load Fig.1 Tj=25 5mA IOUT 1.5A - 10 150 mV 250mA IOUT 750mA - 5 120 Output Voltage VOUT Fig.1 -24V VIN -11.5V 5mA IOUT 1.0A -9.4 -9.0 -8.6 V Quiescent Current IB Fig.1 Tj=25 - 3 6 mA Quiescent Current Change Line IBI Fig.1 -26.5V VIN -13V - 0.1 1.0 mA Load IBO 5mA IOUT 1.0A - 0.05 0.5 Output Noise Voltage VNO Fig.2 Ta=25 , 10Hz f 100kHz - 180 - Vrms Ripple Rejection Ratio RR Fig.3 f=120Hz, IOUT=20mA, 54 60 - dB Short Circuit Current Limit ISC Fig.1 Tj=25 - 1.9 - A Average Temperature Coefficient of Output Voltage TCVO Fig.1 IOUT=5mA - -0.7 - mV/ Dropout Voltage VD Fig.1 Tj=25 , IOUT=1A - 2.0 - V |