| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
KIA78D033PI Datasheet(PDF) 2 Page - KEC(Korea Electronics) |
|
|
|||||||||||||||||||||||||||||
KIA78D033PI Datasheet(HTML) 2 Page - KEC(Korea Electronics) |
|
2 / 9 page ![]() 2004. 12. 13 2/9 KIA78D015S/F/PI~KIA78D050S/F/PI Revision No : 1 BLOCK DIAGRAM CHARACTERISTIC SYMBOL RATING UNIT Input Voltage VIN 16 V Output Current IOUT 1 A Power Dissipation-1 (No Heatsink) S (Note) PD1 1.0 W F 1.3 PI 2.0 Power Dissipation-2 (Infinite Heatsink) S PD2 8.3 W F 13 PI 20.8 Junction Temperature Tj 150 ℃ Operating Temperature Topr -20~80 ℃ Storage Temperature Tstg -30~150 ℃ Soldering Temperature Tsol 260 ℃ MAXIMUM RATINGS (Ta=25 ℃ ℃) Note) Package Mounted on FR-4 PCB 36 ×18×1.5㎜3 : mounting pad for the GND Lead min. 6㎜2 |