Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BCW68GL Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza BCW68GL
Descripción Electrónicos  General Purpose Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BCW68GL Datasheet(HTML) 2 Page - ON Semiconductor

  BCW68GL Datasheet HTML 1Page - ON Semiconductor BCW68GL Datasheet HTML 2Page - ON Semiconductor BCW68GL Datasheet HTML 3Page - ON Semiconductor BCW68GL Datasheet HTML 4Page - ON Semiconductor BCW68GL Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BCW68GL
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Breakdown Voltage
(IC = −10 mAdc, IB = 0)
V(BR)CEO
−45
Vdc
Collector−Emitter Breakdown Voltage
(IC = −10 mAdc, VEB = 0)
V(BR)CES
−60
Vdc
Emitter−Base Breakdown Voltage
(IE = −10 mAdc, IC = 0)
V(BR)EBO
−5.0
Vdc
Collector Cutoff Current
(VCE= −45 Vdc, IE = 0)
(VCE= −45 Vdc, IB = 0, TA = 150°C)
ICES
−20
−10
nAdc
mAdc
Emitter Cutoff Current (VEB = −4.0 Vdc, IC = 0)
IEBO
−20
nAdc
ON CHARACTERISTICS
DC Current Gain
(IC = −10 mAdc, VCE = −1.0 Vdc)
(IC = −100 mAdc, VCE = −1.0 Vdc)
(IC = −300 mAdc, VCE = −1.0 Vdc)
hFE
120
160
60
400
Collector−Emitter Saturation Voltage
(IC = −500 mAdc, IB = −50 mAdc)
VCE(sat)
−0.7
Vdc
Base−Emitter Saturation Voltage
(IC = −500 mAdc, IB = −50 mAdc)
VBE(sat)
−2.0
Vdc
SMALL−SIGNAL CHARACTERISTICS
Current−Gain − Bandwidth Product
(IC = −20 mAdc, VCE = −10 Vdc, f = 100 MHz)
fT
100
MHz
Output Capacitance
(VCB= −10 Vdc, IE = 0, f = 1.0 MHz)
Cobo
18
pF
Input Capacitance
(VEB= −0.5 Vdc, IC = 0, f = 1.0 MHz)
Cibo
105
pF
Noise Figure
(IC= −0.2 mAdc, VCE = −5.0 Vdc, RS = 1.0 kW, f = 1.0 kHz, BW = 200 Hz)
NF
10
dB
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com