Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MA4SPS402 Datasheet(PDF) 2 Page - Tyco Electronics

No. de pieza MA4SPS402
Descripción Electrónicos  Surface Mount Monolithic PIN Diode Chip
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MACOM [Tyco Electronics]
Página de inicio  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4SPS402 Datasheet(HTML) 2 Page - Tyco Electronics

  MA4SPS402 Datasheet HTML 1Page - Tyco Electronics MA4SPS402 Datasheet HTML 2Page - Tyco Electronics MA4SPS402 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
n North America: Tel. (800) 366-2266, Fax (800) 618-8883
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Specifications subject to change without notice.
Visit www.macom.com for additional data sheets and product information.
V 2.0
Handling Procedures
All semiconductor chips should be handled with care to avoid
damage or contamination from perspiration and skin oils. The
use of plastic tipped tweezers or vacuum pickups is strongly
recommended for individual components. Bulk handling should
insure that abrasion and mechanical shock are minimized.
ESD
These devices very susceptible to ESD and are rated Class 0
(0-199V) per HBM MIL-STD-883, method 3015.7 [C = 100pF
±10%, R = 1.5k
Ω ±1%]. Even though tested die pass 100V
ESD, they must be handled in a static-free environment.
Bonding Techniques
Attachment to a circuit board is made simple through the use of
surface mount technology.
Mounting pads are conveniently
located on the bottom surface of these diodes and are removed
from the active junction locations. These diodes are well suited
for solder attachment onto hard and soft substrates. The use of
80/20 Au/Sn and 60/40 Sn/Pb solder is recommended.
Conductive epoxy paste for attachment may also be used, this
can be silk-screened, or used with a conductive sheet apoxy.
When soldering these diodes to a hard substrate, hot gas die
bonding is preferred. We recommend utilizing a vacuum tip and
a force of 60 to 100 grams applied normal to the top surface of
the part. When soldering to soft substrates, it is recommended
to use a lead-tin interface at the circuit board mounting pads.
Position the die so that its mounting pads are aligned with the
circuit board’s mounting pads Reflow the solder by heating the
circuit trace near the mounting pad while applying 60 to 100
grams of force perpendicular to the top surface of the die.
Since the HMIC™ glass is transparent, the edges of the
mounting pads closest to each other can be visually inspected
through the die after attach is completed.
Surface Mount Monolithic PIN Diode Chip
MA4SPS402 SurMount
™
™ Series
Electrical Specifications @ +25°C
Symbol
Test Conditions
Units
Min.
Typ.
Max.
CT
-40 Volts, 1 MHz
1
pF
0.034
0.045
CT
-40 Volts, 1 GHz
1, 3
pF
0.041
RS
10 mA, 2 MHz
2
Ω
5.0
RS
10 mA, 100 MHz
2
Ω
4.6
RS
10 mA, 1 GHz
2, 3
Ω
5.0
VF
1.0 mA
V
0.84
1.00
VR
10
µA
V
-70
-120
IR
-70V
µA
10
TL
10 mA / 6 mA
ns
200
1. Total capacitance is equivalent to the sum of junction capacitance Cj and parasitic capacitance.
2. Series resistance RS is equivalent to the total diode series resistance including the junction resistance Rj.
3. RS and CP is measured on an HP4291A with die mounted in an ODS-186 package with conductive silver epoxy.
Functional Schematic
1
Rp
Cp
Ls
Rvia
Rvia
+
-
1. Rs = 2 * Rvia + Rp
2



Html Pages

1 2 3