Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AZ9841 Datasheet(PDF) 1 Page - American Zettler, Inc.

No. de pieza AZ9841
Descripción Electrónicos  Up to 40 Amp switching in a compact size
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AZETTLER [American Zettler, Inc.]
Página de inicio  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ9841 Datasheet(HTML) 1 Page - American Zettler, Inc.

  AZ9841 Datasheet HTML 1Page - American Zettler, Inc. AZ9841 Datasheet HTML 2Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
COIL
Power
At nominal voltage
Sensitive - 0.9W
(typical)
Standard - 1.3W
Max. Continuous
1.52 W/2.23 W at 20°C (68°F) ambient
Dissipation
Temperature Rise
48°C (108°F) at nominal coil voltage
Temperature
Max 125°C (257°F)
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
1 x 107
Electrical
1 x 105
Operate Time (max.)
5 ms max. at nominal coil voltage
Release Time (max.)
2 ms max. at nominal coil voltage
Dielectric Strength
500 VAC coil to contact
(at sea level for 1 min.) 500 VAC between open contacts
Insulation Resistance
100 megohms min. at 20°C, 500 VDC
50% RH
Dropout
Greater than 10% of nominal coil voltage
Ambient Temperature
At nominal coil voltage
Operating
-40°C (-40°F) to 125°C (257°F)
Storage
-40°C (-40°F) to 105°C (211°F)
Vibration
0.062" DA at 10-55 Hz
Shock
10 g
Enclosure
P.B.T. polyester
Terminals
Tinned copper alloy
Weight
21 grams
CONTACTS
Arrangement
SPST (1 Form A)
SPDT (1 Form C)
Ratings
Resistive load:
Max. switched power:
560 W
Max. switched current: N.O. 40A N.C. 30A
Max. switched voltage: 75 VDC
Rated load: N.O 35 A at 14 VDC
N.C. 25 A at 14 VDC
* If switching voltage is greater than 30 VDC, special
precautions must be taken. Please contact the factory.
Material
Silver tin oxide
Resistance
< 100 milliohms initially
(6 VDC, 1 A voltage drop method)
AZ9841
2/8/10
40 AMP 280-ISO
AUTOMOTIVE RELAY
FEATURES
• Up to 40 Amp switching in a compact size
• SPST (1 Form A), SPDT (1 Form C)
• Vibration and shock resistant
• 35 A Continuous N.O., Rating at 35°C
• ISO/TS 16949, ISO9001
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Specifications subject to change without notice.


Número de pieza similar - AZ9841

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
American Zettler, Inc.
AZ984 AZETTLER-AZ984 Datasheet
90Kb / 2P
20 AMP 280-ISO AUTOMOTIVE RELAY
AZ984-1A-12D AZETTLER-AZ984-1A-12D Datasheet
90Kb / 2P
20 AMP 280-ISO AUTOMOTIVE RELAY
AZ984-1C-12D AZETTLER-AZ984-1C-12D Datasheet
90Kb / 2P
20 AMP 280-ISO AUTOMOTIVE RELAY
More results

Descripción similar - AZ9841

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Crystal Techno...
ACT86E_SMX ACT-ACT86E_SMX Datasheet
169Kb / 2P
Compact in size
22-02-2012
logo
First Components Intern...
KBL400 FCI-KBL400_1 Datasheet
73Kb / 1P
4.0 Amp SINGLE PHASE SILICON BRIDGE COMPACT SIZE
logo
Omron Electronics LLC
G8P-1A2T-F-DC5 OMRON-G8P-1A2T-F-DC5 Datasheet
1Mb / 8P
Up to 30 A switching capacity in compact package.
logo
Rohm
SMLP12HBC7W1 ROHM-SMLP12HBC7W1 Datasheet
1Mb / 4P
Ultra compact, thin size 1.0x0.6mm
logo
American Zettler, Inc.
AZ978 AZETTLER-AZ978 Datasheet
230Kb / 2P
Up to 20 Amp switching capability in a compact size
AZ9891 AZETTLER-AZ9891 Datasheet
135Kb / 2P
Up to 30 Amp switching capability in a very compact size
logo
Abracon Corporation
APAMBJ-135 ABRACON-APAMBJ-135 Datasheet
1Mb / 2P
Compact size only 55mm in length
05.04.15
logo
Delta Electronics, Inc.
24V100W DELTA-24V100W Datasheet
985Kb / 15P
Ultra-compact size and galvanic isolation up to 3.0KVac
logo
PHOENIX CONTACT
REL-MR-110DC PHOENIX-REL-MR-110DC Datasheet
111Kb / 5P
Switching current of up to 16 A
logo
Advantech Co., Ltd.
PSD-A40W ADVANTECH-PSD-A40W Datasheet
457Kb / 2P
40 Watts Compact Size DIN-Rail Power Supply
10-Jul-2018
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com