| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M30623ECTGP Datasheet(PDF) 36 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M30623ECTGP Datasheet(HTML) 36 Page - Mitsubishi Electric Semiconductor |
|
36 / 184 page ![]() 36 Mitsubishi microcomputers M16C / 62T Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER Bus Control _____ ________ Figure 1.12.3. Example of RD signal extended by RDY signal BCLK tsu(RDY - BCLK) RDY RD tsu(RDY - BCLK) : Wait using RDY signal : Wait using software BCLK RDY RD CSi (i=0 to 3) (Note) In an instance of separate bus In an instance of multiplexed bus Accept timing of RDY signal Accept timing of RDY signal Note: In M30623(80-pin package), the CSi signal (i = 0 to 3) has no corresponding exte CSi (i=0 to 3) (Note) __________ HOLD > DMAC > CPU (6) Hold signal The hold signal is used to transfer the bus privileges from the CPU to the external circuits. Inputting “L” to __________ the HOLD pin places the microcomputer in the hold state at the end of the current bus access. This status __________ __________ is maintained and “L” is output from the HLDA pin as long as “L” is input to the HOLD pin. Table 1.12.5 shows the microcomputer status in the hold state. __________ Bus-using priorities are given to HOLD, DMAC, and CPU in order of decreasing precedence. Figure 1.12.4. Bus-using priorities Table 1.12.5. Microcomputer status in hold state Item Status Oscillation ON ___ _____ _______ R/W signal, address bus, data bus, CS, BHE Floating Programmable I/O ports P0, P1, P2, P3, P4, P5 Floating P6, P7, P8, P9, P10 Maintains status when hold signal is received __________ HLDA Output “L” Internal peripheral circuits ON (but watchdog timer stops) ALE signal Undefined ______ ______ Note 1: In M30623(80-pin package), P1, P44 to P47(CS0 to CS3) and P72 to P75, P91 have no correspond- ing external pin, but are internally the above conditions. |