Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LTC7545ACSW Datasheet(PDF) 5 Page - Linear Technology

No. de pieza LTC7545ACSW
Descripción Electrónicos  Improved Industry Standard Parallel 12-Bit Multiplying DAC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTC7545ACSW Datasheet(HTML) 5 Page - Linear Technology

  LTC7545ACSW Datasheet HTML 1Page - Linear Technology LTC7545ACSW Datasheet HTML 2Page - Linear Technology LTC7545ACSW Datasheet HTML 3Page - Linear Technology LTC7545ACSW Datasheet HTML 4Page - Linear Technology LTC7545ACSW Datasheet HTML 5Page - Linear Technology LTC7545ACSW Datasheet HTML 6Page - Linear Technology LTC7545ACSW Datasheet HTML 7Page - Linear Technology LTC7545ACSW Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
LTC7545A
TYPICAL APPLICATIONS N
Unipolar Operation (2-Quadrant Multiplication)
ANALOG OUTPUT
VOUT
MSB
LSB
1111
1111
1111
– VREF (4095/4096)
1000
0000
0000
– V
REF
(2048/4096) = – VREF/2
0000
0000
0001
– V
REF
(1/4096)
0000
0000
0000
0V
DIGITAL INPUT
BINARY NUMBER
IN DAC LATCH
Table 1. Unipolar Binary Code Table
VDD VREF
LTC7545A
RFB
OUT1
DGND
AGND
3
2
17
16
4–15
18
5V OR 15V
VREF
–10V TO 10V
µP
WR
CS
DB11 to DB0
19
20
1
33pF
0.1
µF
VOUT
0V TO – VREF
7545A TA03
LT1097



Html Pages

1 2 3 4 5 6 7 8