| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LTC2402I Datasheet(PDF) 8 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC2402I Datasheet(HTML) 8 Page - Linear Technology |
|
8 / 12 page ![]() 8 LTC2401/LTC2402 APPLICATIO S I FOR ATIO 00000H 12.5% EXTENDED RANGE FFFFFH ZSSET FSSET VIN 24012 F04 12.5% EXTENDED RANGE Figure 4. Transfer Curve with Zero-Scale and Full-Scale Set removed by the FSSET input to the ADC. The absolute full- scale output of the ADC (data out = FFFFFFHEX ) will occur at VIN = VB= FSSET, see Figure 4. Similarly, the offset errors due to RP2 are removed by the ground sense input ZSSET. The absolute zero output of the ADC (data out = 000000HEX) occurs at VIN = VA = ZSSET. Parasitic resistors RP3 to RP5 have negligible errors due to the 1nA (typ) leakage current at pins FSSET, ZSSET and VIN. The wide dynamic input range (– 300mV to 5.3V) and low noise (0.6ppm RMS) enable the LTC2401 or the LTC2402 to directly digitize the output of the bridge sensor. The LTC2402 is ideal for applications requiring continu- ous monitoring of two input sensors. As shown in Figure 5, the LTC2402 can monitor both a thermocouple temperature probe and a cold junction temperature sen- sor. Absolute temperature measurements can be performed with a variety of thermocouples using digital cold junction compensation. The selection between CH0 and CH1 is automatic. Initially, after power-up, a conversion is performed on CH0. For each subsequent conversion, the input channel selection Figure 5. Isolated Temperature Measurement VCC FO FSSET ZSSET SCK CH1 SDO GND CS THERMOCOUPLE COLD JUNCTION ISOLATION BARRIER PROCESSOR CH0 – + 110 12k THERMISTOR 100 Ω 9 8 7 6 2 3 4 5 2.7V TO 5.5V LTC2402 24012 F05 VCC LTC2401 FSSET GND SCK VIN SDO FO CS ZSSET 3-WIRE SPI INTERFACE 1 9 8 7 10 24012 F03 2 3 5 RP2 RP5 IDC = 0 RP1 VB VA 6 RP4 IDC = 0 IEXCITATION RP3 IDC = 0 Figure 3. Half-Bridge Digitizer with Zero-Scale and Full-Scale Sense |