Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSC5802D Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

No. de pieza TSC5802D
Descripción Electrónicos  High Voltage Fast-Switching NPN Power Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSC5802D Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSC5802D Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSC5802D Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSC5802D Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSC5802D Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSC5802D Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSC5802D Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TSC5802D
Taiwan Semiconductor
Document Number: DS_P0000180
2
Version: B15
ELECTRICAL SPECIFICATIONS (T
A = 25°C unless otherwise noted)
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNIT
Collector-Base Voltage
IC =0.5mA
BVCBO
1050
--
--
V
Collector-Emitter Breakdown Voltage
IC =5mA
BVCEO
450
--
--
V
Emitter-Base Breakdown Voltage
IE =1mA
BVEBO
15
--
--
V
Collector Cutoff Current
VCE =400V, IB=0
ICEO
--
10
250
µA
Collector Cutoff Current
VCB =950V, IE =0
ICBO
--
--
10
µA
Collector-Emitter Saturation Voltage
IC=0.7A, IB =0.14A
VCE(SAT)1
---
--
0.5
V
Collector-Emitter Saturation Voltage
IC=2A, IB =0.6A
VCE(SAT)2
---
1.5
3.0
V
Base-Emitter Saturation Voltage
IC=2A, IB =0.6A
VBE(SAT)1
--
1.0
1.6
V
DC Current Gain
VCE =5V, IC =0.1A
hFE1
50
70
100
VCE =3V, IC =0.5A
hFE2
18
23
50
Diode Forward Voltage
IC=1A
VF
--
--
1.5
V
Rise Time
(Note 2)
VCC =5V, IC =0.5A
tr
--
--
1
µs
Storage Time
(Note 2)
tSTG
2.5
3
3.5
µs
Fall Time
(Note 2)
tf
--
--
1.2
µs
Repetitive Avalanche Energy
L=2mH
EAR
5
--
--
mJ
Notes:
1.
Pulse test:
≤380µs, duty cycle ≤ 2%
2.
For DESIGN AID ONLY, not subject to production testing.



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com