| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LT1189CS8 Datasheet(PDF) 5 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT1189CS8 Datasheet(HTML) 5 Page - Linear Technology |
|
5 / 12 page ![]() 5 LT1189 CC HARA TERISTICS A TYPICALPERFOR CE Input Bias Current vs Common-Mode Voltage vs Common-Mode Voltage Input Bias Current vs Temperature Temperature COMMON-MODE VOLTAGE (V) –5 – 0.5 0 0.5 1.5 2.5 –3 0 2 4 LT1189 • TPC01 –4 –2 1 3 125°C –55°C 25°C VS = ±5V –1 5 1.0 2.0 3.0 TEMPERATURE (°C) –50 –400 –300 –200 –100 0 100 0 25 75 125 LT1189 • TPC02 –25 50 100 +IB –IB IOS VS = ±5V Equivalent Input Noise Voltage vs Equivalent Input Noise Current vs Frequency Frequency Supply Current vs Supply Voltage FREQUENCY (Hz) 120 160 10 1k 10k 100k LT1189 • TPC04 0 100 80 V = ±5V T = 25°C R = 0 S A S Ω 40 200 60 140 100 180 20 FREQUENCY (Hz) 2 12 10 1k 10k 100k LT1189 • TPC05 0 100 6 4 8 10 VS = ±5V TA = 25°C RS = 100k ±SUPPLY VOLTAGE (V) 0 8 12 14 16 246 10 LT1189 • TPC06 8 –55°C 25°C 125°C 10 Shutdown Supply Current vs Temperature Gain Error vs Temperature Open-Loop Gain vs Temperature TEMPERATURE (°C) –50 0 2.0 3.0 4.0 5.0 6.0 0 25 75 125 LT1189 • TPC07 1.0 –25 50 100 V = ±5V S VS/D = –VEE + 0.6V VS/D = –VEE + 0.4V VS/D = –VEE VS/D = –VEE + 0.2V TEMPERATURE (°C) LT1189 • TPC08 –50 –2.4 –1.6 –1.2 0 50 100 125 –2.0 –25 25 75 –1.4 –1.8 –2.2 VS = ±5V VOUT = ±1V AV = 10 RL = 1k 0 4 8 12 16 TEMPERATURE (°C) –50 0 50 100 125 LT1189 • TPC09 –25 25 75 RL = 1k RL = 500Ω VS = ±5V VO = ±3V 14 10 6 2 TEMPERATURE (°C) 2.0 V+ – 50 25 75 125 LT1189 • TPC03 V– 0 1.0 –1.0 –2.0 –0.5 –1.5 1.5 0.5 –25 50 100 V+ = 1.8V TO 9V V+ = –1.8V TO –9V |