Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LT1001AMJ8/883 Datasheet(PDF) 6 Page - Linear Technology

No. de pieza LT1001AMJ8/883
Descripción Electrónicos  Precision Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LT1001AMJ8/883 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1001AMJ8/883 Datasheet HTML 2Page - Linear Technology LT1001AMJ8/883 Datasheet HTML 3Page - Linear Technology LT1001AMJ8/883 Datasheet HTML 4Page - Linear Technology LT1001AMJ8/883 Datasheet HTML 5Page - Linear Technology LT1001AMJ8/883 Datasheet HTML 6Page - Linear Technology LT1001AMJ8/883 Datasheet HTML 7Page - Linear Technology LT1001AMJ8/883 Datasheet HTML 8Page - Linear Technology LT1001AMJ8/883 Datasheet HTML 9Page - Linear Technology LT1001AMJ8/883 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT1001
TYPICAL PERFORMANCE CHARACTERISTICS
Voltage Follower Overshoot
vs Capacitive Load
Small Signal Transient Response
1001 G22
AV = +1, CL = 50pF
1001 G19
Large Signal Transient Response
FREQUENCY (kHz)
1
28
24
20
16
12
8
4
0
10
100
1000
1001 G23
VS = ±15V
TA = 25°C
Maximum Undistorted
Output vs. Frequency
FREQUENCY (Hz)
1
100
10
1
0.1
0.01
0.001
10k
1001 G24
10
100
1k
100k
AV = 1000
AV = +1
IO = ±1mA
VS = ±15V
TA = 25°C
Closed Loop Output Impedance
AV = +1, CL = 1000pF
1001 G21
Small Signal Transient Response
CAPACITIVE LOAD (PICOFARADS)
100
1001 G20
1000
10,000
100,000
100
80
60
40
20
0
VS = ±15V
TA = 25°C
VIN = 100mV
RL > 50k
Application Notes and Test Circuits
The LT1001 series units may be inserted directly into
OP-07, OP-05, 725, 108A or 101A sockets with or without
removal of external frequency compensation or nulling
components. The LT1001 can also be used in 741, LF156
or OP-15 applications provided that the nulling circuitry is
removed.
The LT1001 is specified over a wide range of power supply
voltages from
±3V to±18V. Operation with lower supplies
is possible down to
±1.2V (two Ni-Cad batteries). How-
ever, with
±1.2V supplies, the device is stable only in
closed loop gains of +2 or higher (or inverting gain of one
or higher).
APPLICATIONS INFORMATION
Unless proper care is exercised, thermocouple effects
caused by temperature gradients across dissimilar metals
at the contacts to the input terminals, can exceed the
inherent drift of the amplifier. Air currents over device
leads should be minimized, package leads should be
short, and the two input leads should be as close together
as possible and maintained at the same temperature.
Test Circuit for Offset Voltage and its Drift with Temperature
–15V
LT1001
+15V
*50k
*
100
Ω
*
50k
2
3
7
6
VO
1001 F01
VO = 1000VOS
* RESISTORS MUST HAVE LOW
THERMOELECTRIC POTENTIAL.
** THIS CIRCUIT IS ALSO USED AS THE BURN-IN
CONFIGURATION FOR THE LT1001, WITH SUPPLY
VOLTAGES INCREASED TO
±20V.
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12