Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UPD75004CU Datasheet(PDF) 2 Page - NEC

No. de pieza UPD75004CU
Descripción Electrónicos  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

UPD75004CU Datasheet(HTML) 2 Page - NEC

  UPD75004CU Datasheet HTML 1Page - NEC UPD75004CU Datasheet HTML 2Page - NEC UPD75004CU Datasheet HTML 3Page - NEC UPD75004CU Datasheet HTML 4Page - NEC UPD75004CU Datasheet HTML 5Page - NEC UPD75004CU Datasheet HTML 6Page - NEC UPD75004CU Datasheet HTML 7Page - NEC UPD75004CU Datasheet HTML 8Page - NEC UPD75004CU Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 66 page
background image
µPD75004, 75006, 75008
2
ORDERING INFORMATION
Part Number
Package
Quality Grade
µPD75004CU-xxx
42-pin plastic shrink DIP (600 mil)
Standard
µPD75004GB-xxx-3B4
44-pin plastic QFP (s
s10 mm)
Standard
µPD75006CU-xxx
42-pin plastic shrink DIP (600 mil)
Standard
µPD75006GB-xxx-3B4
44-pin plastic QFP (s
s10 mm)
Standard
µPD75008CU-xxx
42-pin plastic shrink DIP (600 mil)
Standard
µPD75008GB-xxx-3B4
44-pin plastic QFP (s
s10 mm)
Standard
Remarks: xxx is ROM code number.
Please refer to “Quality Grade on NEC Semiconductor Devices” (Document Number IEI-1209) published by
NEC Corporation to know the specification of quality grade on the devices and its recommended applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66