Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PALCE22V10 Datasheet(PDF) 19 Page - Lattice Semiconductor

No. de pieza PALCE22V10
Descripción Electrónicos  24-Pin EE CMOS (Zero Power) Versatile PAL Device
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LATTICE [Lattice Semiconductor]
Página de inicio  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

PALCE22V10 Datasheet(HTML) 19 Page - Lattice Semiconductor

Back Button PALCE22V10 Datasheet HTML 15Page - Lattice Semiconductor PALCE22V10 Datasheet HTML 16Page - Lattice Semiconductor PALCE22V10 Datasheet HTML 17Page - Lattice Semiconductor PALCE22V10 Datasheet HTML 18Page - Lattice Semiconductor PALCE22V10 Datasheet HTML 19Page - Lattice Semiconductor PALCE22V10 Datasheet HTML 20Page - Lattice Semiconductor PALCE22V10 Datasheet HTML 21Page - Lattice Semiconductor PALCE22V10 Datasheet HTML 22Page - Lattice Semiconductor PALCE22V10 Datasheet HTML 23Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
PALCE22V10H-10/15/20/25 (Ind)
19
CAPACITANCE 1
Note:
1. These parameters are not 100% tested, but are evaluated at initial characterization and at any time the design is modified where
capacitance may be affected.
Notes:
1. See “Switching Test Circuit” for test conditions.
2. These parameters are not 100% tested, but are calculated at initial characterization and at any time the design is modified where
frequency may be affected.
3. tCF is a calculated value and is not guaranteed. tCF can be found using the following equation:
tCF = 1/fMAX (internal feedback) - tS.
Parameter
Symbol
Parameter Description
Test Conditions
Typ
Unit
CIN
Input Capacitance
VIN = 2.0 V
VCC = 5.0 V
TA = 25°C
f = 1 MHz
5
pF
COUT
Output Capacitance
VOUT = 2.0 V
8
SWITCHING CHARACTERISTICS OVER INDUSTRIAL OPERATING RANGES 1
Parameter
Symbol
Parameter Description
-10
-15
-20
-25
Unit
Min
Max
Min
Max
Min
Max
Min
Max
tPD
Input or Feedback to Combinatorial Output
10
15
20
25
ns
tS
Setup Time from Input, Feedback or SP to Clock
7
10
12
15
ns
tH
Hold Time
0000
ns
tCO
Clock to Output
6
10
12
15
ns
tAR
Asynchronous Reset to Registered Output
13
20
25
25
ns
tARW
Asynchronous Reset Width
8
15
20
25
ns
tARR
Asynchronous Reset Recovery Time
8
10
20
25
ns
tSPR
Synchronous Preset Recovery Time
8
10
14
25
ns
tWL
Clock Width
LOW
4
8
10
13
ns
tWH
HIGH
4
8
10
13
ns
fMAX
Maximum
Frequency
(Note 2)
External Feedback
1/(tS + tCO)
83.3
50
41.6
33.3
MHz
Internal Feedback (fCNT) 1/(tS + tCF) (Note 3) 110
58.8
45.4
35.7
MHz
No Feedback
1/(tWH + tWL)
125
83.3
50
38.5
MHz
tEA
Input to Output Enable Using Product Term Control
10
15
20
25
ns
tER
Input to Output Disable Using Product Term Control
9
15
20
25
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com