| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
UM1759 Datasheet(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1759 Datasheet(HTML) 21 Page - STMicroelectronics |
|
21 / 50 page ![]() DocID026279 Rev 1 21/50 UM1759 Hardware description 50 The WM-Bus protocol stack is developed on ST’s dual chip platform The SPIRIT1 is just implementing part of the WM-Bus physical layer, the PHY and LINK firmware stack layers are implemented STM32L15x, Ultra low power ARM Cortex-M3. STM32L role • WM-Bus Application Layer – Wireless M-Bus application layer partially implements the EN13757-3. • WM-Bus Link Layer – MAC packet and CRC handling – Encryption/ Decryption initiate/read. • WM-Bus PHY – Init PHY for WM-Bus – Interrupt Services SPIRIT1 role • WM-Bus Modes • Header, Sync and trailer fields • Manchester/3-out-of-6-encoding • Sync detection • Tx and RX FIFO 3V3 Pin#8 (VccRF) PC.2 Pin#9 (SDN) 3V3 Pin#10 (VccRF) Table 3. Evaluation board connection with connector J7 Evaluation board SPIRIT1 module (J7) GND Pin#1 (GND) GND Pin#2 (GND) Px.x (SPI_CS) Pin#3(CS/NSS) Px.x Pin#4 (GPIO_3) Px.x (SPI_SCK) Pin#5 (CLK) Px.x Pin#6 (GPIO_2) Px.x (SPI_MOSI) Pin#7 (SDI) Px.x Pin#8 (GPIO_1) Px.x (SPI_MISO) Pin#9 (SDO) Px.x Pin#10 (GPIO_0) Table 2. Evaluation board connection with connector J6 Evaluation board SPIRIT1 module (J6) |