Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AN4570 Datasheet(PDF) 28 Page - STMicroelectronics

No. de pieza AN4570
Descripción Electrónicos  This application note describes how to use the high-density
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4570 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN4570 Datasheet HTML 24Page - STMicroelectronics AN4570 Datasheet HTML 25Page - STMicroelectronics AN4570 Datasheet HTML 26Page - STMicroelectronics AN4570 Datasheet HTML 27Page - STMicroelectronics AN4570 Datasheet HTML 28Page - STMicroelectronics AN4570 Datasheet HTML 29Page - STMicroelectronics AN4570 Datasheet HTML 30Page - STMicroelectronics AN4570 Datasheet HTML 31Page - STMicroelectronics AN4570 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
Interfacing with a non-multiplexed, asynchronous 16-bit SRAM
AN4570
28/46
DocID026804 Rev 1
GPIO_InitTypeDef GPIO_Init_Structure;
/* Enable FMC clock */
__FMC_CLK_ENABLE();
/* Enable chosen DMAx clock */
__SRAM_DMAx_CLK_ENABLE();
/* Enable GPIOs clock */
__GPIOD_CLK_ENABLE();
__GPIOE_CLK_ENABLE();
__GPIOF_CLK_ENABLE();
__GPIOG_CLK_ENABLE();
__GPIOH_CLK_ENABLE();
/* Common GPIO configuration */
GPIO_Init_Structure.Mode
= GPIO_MODE_AF_PP;
GPIO_Init_Structure.Pull
= GPIO_PULLDOWN;
GPIO_Init_Structure.Speed
= GPIO_SPEED_HIGH;
GPIO_Init_Structure.Alternate = GPIO_AF12_FMC;
/*## Data Bus #######*/
/* GPIOD configuration */
GPIO_Init_Structure.Pin
= GPIO_PIN_0 | GPIO_PIN_1 | GPIO_PIN_8 |
GPIO_PIN_9 |
GPIO_PIN_10 | GPIO_PIN_14 | GPIO_PIN_15;
HAL_GPIO_Init(GPIOD, &GPIO_Init_Structure);
/* GPIOE configuration */
GPIO_Init_Structure.Pin
= GPIO_PIN_7 | GPIO_PIN_8 | GPIO_PIN_9 |
GPIO_PIN_10 |
GPIO_PIN_11 | GPIO_PIN_12 | GPIO_PIN_13 |
GPIO_PIN_14 | GPIO_PIN_15;
HAL_GPIO_Init(GPIOE, &GPIO_Init_Structure);
/*## Address Bus #######*/
/* GPIOF configuration */
GPIO_Init_Structure.Pin
= GPIO_PIN_2 | GPIO_PIN_3 |
GPIO_PIN_4 | GPIO_PIN_5 | GPIO_PIN_12 |
GPIO_PIN_13 |
GPIO_PIN_14 | GPIO_PIN_15;
HAL_GPIO_Init(GPIOF, &GPIO_Init_Structure);
GPIO_Init_Structure.Pin
= GPIO_PIN_0 | GPIO_PIN_1;
HAL_GPIO_Init(GPIOH, &GPIO_Init_Structure);



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46