Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UM1695 Datasheet(PDF) 22 Page - STMicroelectronics

No. de pieza UM1695
Descripción Electrónicos  This document provides a detailed description
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1695 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button UM1695 Datasheet HTML 18Page - STMicroelectronics UM1695 Datasheet HTML 19Page - STMicroelectronics UM1695 Datasheet HTML 20Page - STMicroelectronics UM1695 Datasheet HTML 21Page - STMicroelectronics UM1695 Datasheet HTML 22Page - STMicroelectronics UM1695 Datasheet HTML 23Page - STMicroelectronics UM1695 Datasheet HTML 24Page - STMicroelectronics UM1695 Datasheet HTML 25Page - STMicroelectronics UM1695 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
Command reference
UM1695
22/46
DocID025531 Rev 5
OK<CR><LF>
2.26
AT+S.FSC: create a file
AT+S.FSC creates a “file” inside the RAM of the module for delivery by the http server. The
<name> argument establishes the URL path that must be used in the HTTP GET from a
remote client to access this file. The file must include a complete HTTP response header
plus the document content that will be delivered to the client. The software includes some
statically-defined pages that cannot be removed but they can be overridden by creating a
file of the same name.
To add content to a file see AT+S.FSA below.
Warning:
Space for files is allocated from available RAM in the module
and extremely limited. Minimize the requirement for these as
much as possible.
Arguments:
Example:
AT+S.FSC=/new.html,1024<cr>
<cr><lf>OK<cr><lf>
2.27
AT+S.FSA: Append to an existing file
AT+S.FSA appends blocks of data to an existing file. This command accepts data after the
<cr> at the end of the command line. The host is expected to supply <datalen> characters of
data after the end of the command line.
Arguments:
Example:
AT+S.FSA=/data.json,165<cr>
HTTP/1.0 200 OK<cr><lf>
Server: MyProduct<cr><lf>
<fname>
Filename
<max_len>
Amount of space to allocate for file, max = 4096 bytes
<http_header>
0=HTML header automatically added
1=HTML header not added (as by default)
<fname>
Filename
max-len
Amount of bytes to be appended to an existing file. The limit of bytes
that can be appended depends on the space allocated during the file
creation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46