Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AN4365 Datasheet(PDF) 32 Page - STMicroelectronics

No. de pieza AN4365
Descripción Electrónicos  Using STM32F4 MCU power modes with best dynamic efficiency
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4365 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN4365 Datasheet HTML 27Page - STMicroelectronics AN4365 Datasheet HTML 28Page - STMicroelectronics AN4365 Datasheet HTML 29Page - STMicroelectronics AN4365 Datasheet HTML 30Page - STMicroelectronics AN4365 Datasheet HTML 31Page - STMicroelectronics AN4365 Datasheet HTML 32Page - STMicroelectronics AN4365 Datasheet HTML 33Page - STMicroelectronics AN4365 Datasheet HTML 34Page - STMicroelectronics AN4365 Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
STM32F4 low-power application case
AN4365
32/35
DocID025303 Rev 2
Sensor current consumption
Figure 19. Calculating sensor average current consumption
Average Current (mA)~= (Run1_S*0,11 + Run2_S*0,02 + Sleep1*2,8 + Run3_S*0,04 + Sleep2*49 +
Run4_S*0,05 + StdBy*47,98)/100
3.3.2
Current consumption results
Table 3 shows some measures taken with a firmware compiled with the MDK-ARM V4.73
toolchain and device powered with 3 V. For more details about hardware requirements, refer
to Section 3.2.2.
Table 3. Average measurement results
Device
Consumption (mA)
Master
Sensor
STM32F401xC
1.10
1.75
STM32F429xx
1.60
2.00
STM32F407xx
1.60
2.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35