| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AN4088 Datasheet(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4088 Datasheet(HTML) 22 Page - STMicroelectronics |
|
22 / 71 page ![]() Peripheral migration AN4088 22/71 DocID023072 Rev 3 SPI1 SPI1_Rx SPI1_Tx DMA1_Channel2 DMA1_Channel3 DMA_Channel2 DMA_Channel3 SPI2 SPI2_Rx SPI2_Tx DMA1_Channel4 DMA1_Channel5 DMA_Channel4 / DMA_Channel6 DMA_Channel5 / DMA_Channel7 SPI3 SPI3_Rx SPI3_Tx DMA2_Channel1 DMA2_Channel2 NA USART1 USART1_Rx USART1_Tx DMA1_Channel5 DMA1_Channel4 DMA_Channel3 / DMA_Channel5 DMA_Channel2 / DMA_Channel4 USART2 USART2_Rx USART2_Tx DMA1_Channe6 DMA1_Channel7 DMA_Channel5 / DMA_Channel6 DMA_Channel4 / DMA_Channel7 USART3 USART3_Rx USART3_Tx DMA1_Channe3 DMA1_Channel2 DMA_Channel3 / DMA_Channel6 DMA_Channel2 / DMA_Channel7 UART4 UART4_Rx UART4_Tx DMA2_Channel3 DMA2_Channel5 DMA_Channel6 DMA_Channel7 UART5 UART5_Rx UART5_Tx DMA2_Channe4 DMA2_Channel1 NA I2C1 I2C1_Rx I2C1_Tx DMA1_Channe7 DMA1_Channel6 DMA_Channel3 / DMA_Channel6 DMA_Channel2 / DMA_Channel7 I2C2 I2C2_Rx I2C2_Tx DMA1_Channel5 DMA1_Channel4 DMA_Channel5 DMA_Channel4 SDIO SDIO DMA2_Channel4 NA TIM1 TIM1_UP TIM1_CH1 TIM1_CH2 TIM1_CH3 TIM1_CH4 TIM1_TRIG TIM1_COM DMA1_Channel5 DMA1_Channel2 DMA1_Channel3 DMA1_Channel6 DMA1_Channel4 DMA1_Channel4 DMA1_Channel4 DMA_Channel5 DMA_Channel2 / DMA_Channel6 DMA_Channel3 / DMA_Channel6 DMA_Channel5 / DMA_Channel6 DMA_Channel4 DMA_Channel4 DMA_Channel4 TIM8 TIM8_UP TIM8_CH1 TIM8_CH2 TIM8_CH3 TIM8_CH4 TIM8_TRIG TIM8_COM DMA2_Channel1 DMA2_Channel3 DMA2_Channel5 DMA2_Channel1 DMA2_Channel2 DMA2_Channel2 DMA2_Channel2 NA TIM2 TIM2_UP TIM2_CH1 TIM2_CH2 TIM2_CH3 TIM2_CH4 DMA1_Channel2 DMA1_Channel5 DMA1_Channel7 DMA1_Channel1 DMA1_Channel7 DMA_Channel2 DMA_Channel5 DMA_Channel3 / DMA_Channel7 DMA_Channel1 DMA_Channel4 / DMA_Channel7 TIM3 TIM3_UP TIM3_CH1 TIM3_TRIG TIM3_CH3 TIM3_CH4 DMA1_Channel3 DMA1_Channel6 DMA1_Channel6 DMA1_Channel2 DMA1_Channel3 DMA_Channel3 DMA_Channel4 / DMA_Channel6 DMA_Channel4 / DMA_Channel6 DMA_Channel2 DMA_Channel3 Table 13. DMA request differences between STM32F1 series and STM32F07x family(1) (continued) Peripheral DMA request STM32F1 series STM32 F07x family |