Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UM0843 Datasheet(PDF) 28 Page - STMicroelectronics

No. de pieza UM0843
Descripción Electrónicos  EVALSPEAr310 - evaluation board for the SPEAr310
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0843 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button UM0843 Datasheet HTML 24Page - STMicroelectronics UM0843 Datasheet HTML 25Page - STMicroelectronics UM0843 Datasheet HTML 26Page - STMicroelectronics UM0843 Datasheet HTML 27Page - STMicroelectronics UM0843 Datasheet HTML 28Page - STMicroelectronics UM0843 Datasheet HTML 29Page - STMicroelectronics UM0843 Datasheet HTML 30Page - STMicroelectronics UM0843 Datasheet HTML 31Page - STMicroelectronics UM0843 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
Connectors
UM0843
28/48
Doc ID16543 Rev 2
7.7
General purpose GPIO connector J25
Figure 10.
General purpose GPIO J25
7.8
RS485 DB9 socket P1, P8
Figure 11.
RS485 DB9 socket connector P1, P8
4GND
9AIN3
14
GND
19
ADC
VREF
NEGTIVE
5
AIN1
10
GND
15
AIN6
20
GND
Table 26.
General purpose ADC connector J27 (continued)
Pin
Signal
Pin
Signal
Pin
Signal
Pin
Signal
Table 27.
General purpose GPIO J25
Pin
Signal
Pin
Signal
Pin
Signal
Pin
Signal
1
+3V3
4
basGPIO2
7
basGPIO5
10
TXD0
2
basGPIO0
5
basGPIO3
8
TXD2
11
TX_CLK
3
basGPIO1
6
basGPIO4
9
TXD1
12
GND
12
5
7
9
46
8
10 11 12
3
Table 28.
RS485 DB9 socket connector P1, P8
Pin number
Description
Pin number
Description
1NC
6
NC
2NC
7
A
3NC
8
B
4NC
9
NC
5GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48