Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PM0215 Datasheet(PDF) 69 Page - STMicroelectronics

No. de pieza PM0215
Descripción Electrónicos  STM32F0xxx Cortex-M0 programming manual
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0215 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button PM0215 Datasheet HTML 65Page - STMicroelectronics PM0215 Datasheet HTML 66Page - STMicroelectronics PM0215 Datasheet HTML 67Page - STMicroelectronics PM0215 Datasheet HTML 68Page - STMicroelectronics PM0215 Datasheet HTML 69Page - STMicroelectronics PM0215 Datasheet HTML 70Page - STMicroelectronics PM0215 Datasheet HTML 71Page - STMicroelectronics PM0215 Datasheet HTML 72Page - STMicroelectronics PM0215 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 91 page
background image
PM0215
Core peripherals
Doc ID 022979 Rev 1
69/91
4
Core peripherals
4.1
About the STM32 Cortex-M0 core peripherals
The address map of the Private peripheral bus (PPB) is:
In register descriptions, register type is described as follows:
●
RW: Read and write.
●
RO: Read-only.
●
WO: Write-only.
Table 24.
STM32 core peripheral register regions
Address
Core peripheral
Description
0xE000E008-0xE000E00F
System control block (SCB)
Table 32 on page 84
0xE000E010-0xE000E01F
SysTick timer (STK)
Table 34 on page 89
0xE000E100-0xE000E4EF
Nested vectored interrupt controller
(NVIC)
Table 29 on page 76
0xE000ED00-0xE000ED3F
System control block (SCB)
Table 32 on page 84
0xE000EF00-0xE000EF03
Nested vectored interrupt controller
(NVIC)
Table 29 on page 76



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91