Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LTC4307-1 Datasheet(PDF) 2 Page - Linear Technology

No. de pieza LTC4307-1
Descripción Electrónicos  High Defi nition Multimedia Interface (HDMI) Level- Shifting 2-Wire Bus Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTC4307-1 Datasheet(HTML) 2 Page - Linear Technology

  LTC4307-1 Datasheet HTML 1Page - Linear Technology LTC4307-1 Datasheet HTML 2Page - Linear Technology LTC4307-1 Datasheet HTML 3Page - Linear Technology LTC4307-1 Datasheet HTML 4Page - Linear Technology LTC4307-1 Datasheet HTML 5Page - Linear Technology LTC4307-1 Datasheet HTML 6Page - Linear Technology LTC4307-1 Datasheet HTML 7Page - Linear Technology LTC4307-1 Datasheet HTML 8Page - Linear Technology LTC4307-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LTC4307-1
2
43071fa
VCC to GND ................................................. –0.3V to 6V
SDAIN, SCLIN, SDAOUT, SCLOUT,
READY, ENABLE.......................................... –0.3V to 6V
Maximum Sink Current (SDAIN, SCLIN, SDAOUT,
SCLOUT, READY).............................................. 50mA
Operating Temperature Range
LTC4307C ................................................ 0°C to 70°C
LTC4307I .............................................–40°C to 85°C
(Notes 1, 6)
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 3.3V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply
VCC
Positive Supply Voltage
●
2.3
5.5
V
ICC
Supply Current
VCC = 5.5V, VSCLOUT = VSDAOUT = 0V (Note 5) ●
811
mA
ISD
Shutdown Supply Current
VCC = 5.5V, ENABLE = GND, SDA, SCL = 5.5V ●
900
1200
μA
tIDLE
Bus Idle Time
●
55
95
175
μs
ELECTRICAL CHARACTERISTICS
ABSOLUTE
AXI U
RATI GS
Storage Temperature Range
DFN....................................................– 65°C to 125°C
MSOP ................................................– 65°C to 150°C
Lead Temperature (Soldering, 10 sec)
MSOP ............................................................... 300°C
TOP VIEW
9
DD PACKAGE
8-LEAD (3mm × 3mm) PLASTIC DFN
5
6
7
8
4
3
2
1
ENABLE
SCLOUT
SCLIN
GND
VCC
SDAOUT
SDAIN
READY
TJMAX = 125°C, θJA = 43°C/W
EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB
1
2
3
4
ENABLE
SCLOUT
SCLIN
GND
8
7
6
5
VCC
SDAOUT
SDAIN
READY
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 200°C/W
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4307CDD-1#PBF
LTC4307CDD-1#TRPBF
LDBP
8-Lead (3mm × 3mm) Plastic DFN
0°C to 70°C
LTC4307IDD-1#PBF
LTC4307IDD-1#TRPBF
LDBP
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 85°C
LTC4307CMS8-1#PBF
LTC4307CMS8-1#TRPBF
LTDBN
8-Lead Plastic MSOP
0°C to 70°C
LTC4307IMS8-1#PBF
LTC4307IMS8-1#TRPBF
LTDBN
8-Lead Plastic MSOP
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com