| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PD62 Datasheet(PDF) 49 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
PD62 Datasheet(HTML) 49 Page - Renesas Technology Corp |
|
49 / 66 page ![]() 47 µPD62 Data Sheet U14208EJ1V0DS00 10. ASSEMBLER RESERVED WORDS 10.1 Mask Option Directives When creating the µPD62 program, it is necessary to use a mask option directive in the assembler’s source program to specify a mask option. 10.1.1 OPTION and ENDOP directives From the OPTION directive on to the ENDOP directive are called the mask option definition block. The format of the mask option definition block is as follows: Format Symbol field Mnemonic field Operand field Comment field [Label:] OPTION [; Comment] : : ENDOP 10.1.2 Mask option definition directive The directives that can be used in the mask option definition block are listed in Table 10-1. An example of the mask option definition is shown below. Example Symbol field Mnemonic field Operand field Comment field OPTION USEPOC ; POC circuit incorporated ENDOP Table 10-1. List of Mask Option Definition Directives Name Mask Option Definition Directive PRO File Address value Data value POC USEPOC 2044H 01 (POC circuit incorporated) NOUSEPOC 00 (Without POC circuit) |