Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AN3155 Datasheet(PDF) 31 Page - STMicroelectronics

No. de pieza AN3155
Descripción Electrónicos  USART protocol used in the STM32 bootloader
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3155 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN3155 Datasheet HTML 27Page - STMicroelectronics AN3155 Datasheet HTML 28Page - STMicroelectronics AN3155 Datasheet HTML 29Page - STMicroelectronics AN3155 Datasheet HTML 30Page - STMicroelectronics AN3155 Datasheet HTML 31Page - STMicroelectronics AN3155 Datasheet HTML 32Page - STMicroelectronics AN3155 Datasheet HTML 33Page - STMicroelectronics AN3155 Datasheet HTML 34Page - STMicroelectronics AN3155 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
DocID17066 Rev 6
31/37
AN3155
Bootloader command set
Figure 21. Write Unprotect command: device side
1. WPUN = Write Unprotect.
3.11
Readout Protect command
The Readout Protect command is used to enable the Flash memory read protection. When
the bootloader receives the Readout Protect command, it transmits the ACK byte to the
host. After the transmission of the ACK byte, the bootloader enables the read protection for
the Flash memory.
At the end of the Readout Protect command, the bootloader transmits the ACK byte and
generates a system Reset to take into account the new configuration of the option byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37