| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AN3114 Datasheet(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3114 Datasheet(HTML) 30 Page - STMicroelectronics |
|
30 / 43 page ![]() Displaying alphanumeric characters on the LCD glass AN3114 30/43 Doc ID 16829 Rev 3 4.4 Connecting the custom LCD glass HXO5002B to the LCD controller available in medium+ density STM8L152xx and high density STM8L152xx/STM8L162xx devices To display an alphanumeric character on the custom LCD glass display HXO5002B available in medium+ density STM8L152xx and high density STM8L152xx/STM8L162xx devices, six common lines (COM) and three segment lines (SEG) are required. The selected COM from the eight available COM in medium+ and high density STM8L152xx/STM8L162xx devices used on the STM8L1528-EVAL are COM0, COM1, COM4, COM5, COM6 and COM7. Table 4 shows the correspondence between the LCD controller available in medium+ density STM8L152xx and high density STM8L152xx/STM8L162xx device segment lines, the LCD segment in the LCD RAM and the reference letter for each alphanumeric character on the LCD glass. Note: 1 “n” values can be (25, 28, 33, 36, 39 and 42) respectively for alphanumeric character numbers (7, 6, 4, 3, 2 and 1). 2 This reference table covers all alphanumeric character, except the alphanumeric character number 5 that is managed by the segment (24, 31 and 32). Table 4. Reference letter for an alphanumeric character on custom LCD HXO5002B Couple (COM/SEG) LCD segment in LCD RAM Reference letter for an alphanumeric character COM0/SEG(n) LCD segment(n) - COM0/SEG(n+1) LCD segment(n+1) D COM0/SEG(n+2) LCD segment(n+2) Q COM1/SEG(n) LCD segment(n+40) - COM1/SEG(n+1) LCD segment(n+1+40) K COM1/SEG(n+2) LCD segment(n+2+40) L COM4/SEG(n) LCD segment(n) I COM4/SEG(n+1) LCD segment(n+1) A COM4/SEG(n+2) LCD segment(n+2) G COM5/SEG(n) LCD segment(n+40) B COM5/SEG(n+1) LCD segment(n+1+40) H COM5/SEG(n+2) LCD segment(n+2+40) F COM6/SEG(n) LCD segment(n+80) C COM6/SEG(n+1) LCD segment(n+1+80) M COM6/SEG(n+2) LCD segment(n+2+80) P COM7/SEG(n) LCD segment(n+120) J COM7/SEG(n+1) LCD segment(n+1+120) N COM7/SEG(n+2) LCD segment(n+2+120) E |