| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AN3029 Datasheet(PDF) 38 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3029 Datasheet(HTML) 38 Page - STMicroelectronics |
|
38 / 42 page ![]() Setting up the STM8 development environment AN3029 38/42 DocID16139 Rev 5 The LCD display on the STM8 evaluation board indicates a successful debug session (see Figure 26). Figure 26. STM8 evaluation board 10.3.6 Follow up Step by step, additional peripherals of STM8L/STM8AL devices can be run, following on from the initial debug session described above. Many features of STM8L/STM8AL devices are supported by dedicated hardware on the STM8 evaluation board. The necessary software drivers, including STM8L/STM8AL peripheral drivers (USART, ADC, SPI) and drivers for the EVAL board modules (LCD, serial memory), are delivered in the STM8L1x firmware library. |