Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LTC1860 Datasheet(PDF) 12 Page - Linear Technology

No. de pieza LTC1860
Descripción Electrónicos  Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTC1860 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1860_15 Datasheet HTML 8Page - Linear Technology LTC1860_15 Datasheet HTML 9Page - Linear Technology LTC1860_15 Datasheet HTML 10Page - Linear Technology LTC1860_15 Datasheet HTML 11Page - Linear Technology LTC1860_15 Datasheet HTML 12Page - Linear Technology LTC1860_15 Datasheet HTML 13Page - Linear Technology LTC1860_15 Datasheet HTML 14Page - Linear Technology LTC1860_15 Datasheet HTML 15Page - Linear Technology LTC1860_15 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LTC1860/LTC1861
12
18601fa
APPLICATIONS INFORMATION
LTC1861 OPERATION
Operating Sequence
The LTC1861 conversion cycle begins with the rising edge
of CONV. After a period equal to tCONV, the conversion is
finished. If CONV is left high after this time, the LTC1861
goes into sleep mode. The LTC1861’s 2-bit data word is
clocked into the SDI input on the rising edge of SCK after
CONV goes low. Additional inputs on the SDI pin are then
ignored until the next CONV cycle. The shift clock (SCK)
synchronizes the data transfer with each bit being trans-
mitted on the falling SCK edge and captured on the rising
SCK edge in both transmitting and receiving systems.
The data is transmitted and received simultaneously (full
duplex). After completing the data transfer, if further SCK
clocks are applied with CONV low, SDO will output zeros
indefinitely. See Figure 4.
Analog Inputs
The two bits of the input word (SDI) assign the MUX
configuration for the next requested conversion. For a
given channel selection, the converter will measure the
voltage between the two channels indicated by the “+”
and “–” signs in the selected row of the following table. In
single-ended mode, all input channels are measured with
respect to GND (or AGND). A zero code will occur when
the “+” input minus the “–” input equals zero. Full scale
occurs when the “+” input minus the “–” input equals
VREF minus 1LSB. See Figure 5. Both the “+” and “–”
inputs are sampled at the same time so common mode
noise is rejected. The input span in the SO-8 package is
fixed at VREF = VCC. If the “–” input in differential mode
is grounded, a rail-to-rail input span will result on the
“+” input.
Figure 4. LTC1861 Operating Sequence
Figure 5. LTC1861 Transfer Curve
CONV
SDI
SCK
12
11
10
9
8
7
6
5
4
3
2
1
SDO
B11 B10
B8
B6
B4
B2
B0*
Hi-Z
B9
B7
B5
B3
B1
S/D O/S
DON’T CARE
DON’T CARE
tCONV
1860 F04
SLEEP MODE
*AFTER COMPLETING THE DATA TRANSFER, IF FURTHER SCK CLOCKS ARE
APPLIED WITH CONV LOW, THE ADC WILL OUTPUT ZEROS INDEFINITELY
Hi-Z
tSMPL
VIN*
*VIN = (SELECTED “+” CHANNEL) –
(SELECTED “–” CHANNEL)
REFER TO TABLE 1
0 0 0 0 0 0 0 0 0 0 0 1
0 0 0 0 0 0 0 0 0 0 0 0
1 1 1 1 1 1 1 1 1 1 1 1
1 1 1 1 1 1 1 1 1 1 1 0
1860 F05
MUX ADDRESS
Table 1. Multiplexer Channel Selection
SGL/DIFF
1
1
0
0
ODD/SIGN
0
1
0
1
CHANNEL #
0
+
+
1
+
+
GND
186465 TBL1
SINGLE-ENDED
MUX MODE
DIFFERENTIAL
MUX MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com