Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AN2822 Datasheet(PDF) 17 Page - STMicroelectronics

No. de pieza AN2822
Descripción Electrónicos  STM8S and STM8A high speed internal oscillator calibration
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2822 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2822 Datasheet HTML 11Page - STMicroelectronics AN2822 Datasheet HTML 12Page - STMicroelectronics AN2822 Datasheet HTML 13Page - STMicroelectronics AN2822 Datasheet HTML 14Page - STMicroelectronics AN2822 Datasheet HTML 15Page - STMicroelectronics AN2822 Datasheet HTML 16Page - STMicroelectronics AN2822 Datasheet HTML 17Page - STMicroelectronics AN2822 Datasheet HTML 18Page - STMicroelectronics AN2822 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
AN2822
Conclusion
Doc ID 14983 Rev 2
17/19
3
Conclusion
The calibration method described in this application note, ensures that the high speed
internal clock of the STM8S and STM8A microcontrollers operates at its intended frequency
(16 MHz) in the target application, independently of the temperature and power supply
voltage drift.
The proposed solution uses the 16-bit timer TIM3 for measuring the internal RC oscillator
frequency and external calibration signal which can be easily adapted from the mains. An
implementation example with power supply and calibration signal conditioning circuit is
proposed.
The example source code written in ANSI C and using the STM8S and STM8A firmware
library can be download from www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19