Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AN2675 Datasheet(PDF) 16 Page - STMicroelectronics

No. de pieza AN2675
Descripción Electrónicos  STR91xFA in-application programming
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2675 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN2675 Datasheet HTML 12Page - STMicroelectronics AN2675 Datasheet HTML 13Page - STMicroelectronics AN2675 Datasheet HTML 14Page - STMicroelectronics AN2675 Datasheet HTML 15Page - STMicroelectronics AN2675 Datasheet HTML 16Page - STMicroelectronics AN2675 Datasheet HTML 17Page - STMicroelectronics AN2675 Datasheet HTML 18Page - STMicroelectronics AN2675 Datasheet HTML 19Page - STMicroelectronics AN2675 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
IAP using HTTP
AN2675
16/24
3
IAP using HTTP
3.1
HTTP overview
HyperText Transfer Protocol is the underlying protocol used by the World Wide Web. HTTP
defines how messages are formatted and transmitted, and what actions Web servers and
browsers should take in response to various commands.
The HTTP protocol is a request/response protocol. Most HTTP communication is initiated
by a user agent and consists of a request to be applied to a resource on the origin server. In
the simplest case, this may be accomplished via a single connection between the user
agent and the origin server.
3.2
Request methods
HTTP Requests are primarily requests sent by the client browser to the web server
software. These requests are coded into the packet as plain text. They inform the Web
server what the client is looking for and indicate how the server should go about delivering
the content or service requested.
A request message from a client to a server includes, within the first line of that message,
the method to be applied to the resource, the identifier of the resource, and the protocol
version in use.
HTTP defines eight methods indicating the desired action to be performed on the identified
resource.
3.3
Uploading files with HTTP
The HTTP protocol offers the possibility to upload files using HTML forms that allow the
producer of the form to submit files of data requested from the user reading the form.
Table 3.
HTTP request methods
Method
Description
GET
Requests a representation of the specified resource.
HEAD
Asks for the response identical to the one that would correspond to a GET
request, but without the response body.
POST
Submits data to be processed (e.g. from an HTML form) to the identified
resource.
PUT
Uploads a representation of the specified resource.
DELETE
Deletes the specified resource.
TRACE
Echoes back the received request, so that a client can see what intermediate
servers are adding or changing in the request.
OPTIONS
Returns the HTTP methods that the server supports. This can be used
to check the functionality of a web server.
CONNECT
For use with a proxy that can change to being an SSL tunnel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24