Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AN2504 Datasheet(PDF) 10 Page - STMicroelectronics

No. de pieza AN2504
Descripción Electrónicos  Using STMicroelectronics Voltage Detectors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2504 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2504 Datasheet HTML 6Page - STMicroelectronics AN2504 Datasheet HTML 7Page - STMicroelectronics AN2504 Datasheet HTML 8Page - STMicroelectronics AN2504 Datasheet HTML 9Page - STMicroelectronics AN2504 Datasheet HTML 10Page - STMicroelectronics AN2504 Datasheet HTML 11Page - STMicroelectronics AN2504 Datasheet HTML 12Page - STMicroelectronics AN2504 Datasheet HTML 13Page - STMicroelectronics AN2504 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Simulation of the Reset Time-out Period
AN2504 - Application note
10/14
The voltage on the STM1061N output resp. capacitor, VCAP, rises as capacitor is charged.
When it reaches input high voltage trip point of the MCU (time t3), the high state is detected.
If there is no RC element on the output, the OUT pin goes high at the time t2. That is why
simulated reset time-out period is t3-t2.
Use following formula for determining the correct capacitor value:
where,
C = Capacitor of RC element in Farads,
R = resistor of RC element in Ohms,
t = desired time-out period (t3-t2) in seconds,
VCC = supply voltage,
VIH = input voltage trip point for the MCU
ln = natural logarithm.
Example:
The STM1061N27WX6F is used to monitor a 3V supply voltage. The MCU detects input
high state at VIH =0.7·VCC = 0.7·3V = 2.1V. Desired time-out period is 140ms. An R = 100Ω
resistor is chosen.
The value of the capacitor is following:
The closest higher capacitance value from the most common E12 series (i.e. C = 1.2µF) is
chosen. The time-out delay will be slightly greater by choosing a higher value of capacitor.
Remember that this circuitry should be used only for temporary purposes. In the case of real
need of time-out delay the usage of reset device is highly recommended as mentioned in
the Introduction.
C
t
R
I
n
V
CC
V
CC
V
IH
–
--------------------------
⋅
--------------------------------------------
=
C
t
R
I
n
V
CC
VCC VIH
–
--------------------------
⋅
-------------------------------------------
140
10
3
–
⋅
100
10
3
I
n
3
32.1
–
-----------------
⋅⋅
---------------------------------------------------------
1.16
10
6
–
⋅
1.16
µF
==
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com