Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UPD65 Datasheet(PDF) 29 Page - NEC

No. de pieza UPD65
Descripción Electrónicos  4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

UPD65 Datasheet(HTML) 29 Page - NEC

Back Button UPD65 Datasheet HTML 25Page - NEC UPD65 Datasheet HTML 26Page - NEC UPD65 Datasheet HTML 27Page - NEC UPD65 Datasheet HTML 28Page - NEC UPD65 Datasheet HTML 29Page - NEC UPD65 Datasheet HTML 30Page - NEC UPD65 Datasheet HTML 31Page - NEC UPD65 Datasheet HTML 32Page - NEC UPD65 Datasheet HTML 33Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 64 page
background image
29
µPD64A, 65
Data Sheet U14380EJ2V0DS00
8. SYSTEM CLOCK OSCILLATOR
The system clock oscillator consists of oscillators for ceramic resonators (fX = 2.4 to 8 MHz).
Figure 8-1. System Clock
The system clock oscillator stops its oscillation when reset or in STOP mode.
Caution When using the system clock oscillator, wire area indicated by the dotted-line in the diagram
as follows to reduce the effects of the wiring capacitance, etc.
•
Make the wiring as short as possible.
•
Do not allow the wiring to intersect other signal lines. Do not wire close to lines through
which large fluctuating currents flow.
•
Make sure that the point where the oscillator capacitor is installed is always at the same
electric potential as the ground. Never earth with a ground pattern through which large
currents flow.
•
Do not extract signals from the oscillator.
PD64A, 65
XOUT
XIN
GND
Ceramic resonator
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64